47LM-142B-R/Q
AI

The **47LM-142B-R/Q** refers to a high-quality, high-precision **Potentiometer** (variable resistor), typically manufactured by **Sakae** or similar high-end electronic component brands. These components are primarily used in industrial control systems, medical equipment, and aerospace technology where reliability and accuracy are critical.
---
### 1. Key Technical Specifications
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Multi-turn Helical Potentiometer |
| **Number of Turns** | 10-turn (standard for LM series) |
| **Resistance Range** | Commonly 100Ω to 100kΩ (depending on specific sub-code) |
| **Tolerance** | ±5% (Standard) / ±1% (Precision) |
| **Linearity** | ±0.25% to ±0.1% |
| **Power Rating** | 2.0 Watts at 40°C |
| **Operating Temp** | -55°C to +125°C |
---
### 2. Functional Breakdown
#### A. Multi-turn Mechanism
Unlike a standard volume knob that turns roughly 270 degrees, the "47LM" series features a **helical resistance element**. To move the wiper from one end to the other, you must rotate the shaft 10 full times. This allows for extremely fine adjustments (high resolution).
#### B. Material Construction
* **Wirewound Element:** The "R" in the suffix often denotes a wirewound resistive element, which provides high power handling and excellent temperature stability.
* **Metal Housing:** These units are usually built with duralumin or stainless steel casings to protect against electromagnetic interference (EMI) and physical wear.
#### C. Suffix Breakdown (R/Q)
* **R:** Generally indicates the **Resistive element type** (Wirewound) or a specific **Radial** terminal configuration.
* **Q:** Often refers to a **Special Quality** or a specific mechanical variation, such as a locking nut or a non-standard shaft length.
---
### 3. Common Applications
Due to its high precision, you will find this part in:
1. **Industrial Joysticks:** For heavy machinery control.
2. **Medical Imaging:** Adjusting sensitive gain controls in MRI or X-ray machines.
3. **Laboratory Equipment:** Precise voltage tuning in power supplies.
4. **Analog Computers:** Used as a variable coefficient setter.
---
### 4. Wiring Diagram (Standard 3-Pin)
```cpp
[ Pin 1 ] ---- ( CW ) ---- [ Pin 3 ]
|
[ Pin 2 ] (Wiper/Output)
```
* **Pin 1 & 3:** Connected to the ends of the resistive track.
* **Pin 2:** Connected to the moving wiper; the voltage at this pin changes as the shaft is turned.
---
- ⤷What is the difference between a wirewound and a conductive plastic potentiometer?
- ⤷ How do I test if a 47LM-142B-R/Q is still functional using a multimeter?
- ⤷ Can this potentiometer be replaced with a digital encoder in modern circuits?