47LM-152YR-R
AI

The part number **47LM-152YR-R** refers to a high-precision, low-profile **Chip Inductor** (specifically a Multilayer Ferrite Inductor). These components are critical for filtering, decoupling, and high-frequency signal conditioning in compact electronic devices.
---
### 1. Technical Specifications
Below are the typical specifications for a component of this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 1.5 µH (Microhenries) |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~0.15 - 0.25 Ohms |
| **Rated Current** | ~500mA to 800mA (Dependent on package) |
| **Package Size** | 0603 or 0805 (Metric 1608/2012) |
| **Operating Temp** | -40°C to +85°C |
| **Material** | Ferrite Core (Multilayer) |
---
### 2. Breakdown of the Part Number
While nomenclature varies slightly by manufacturer (such as Taiyo Yuden or Bourns), the code generally follows this logic:
* **47L**: Series identifier for Multilayer Inductors.
* **M**: Tolerance code (M usually denotes ±20%).
* **152**: Value code. The first two digits (15) are significant, and the third (2) is the multiplier ($10^2$). $1500$ nH = **1.5 µH**.
* **YR**: Packaging or material finish code (often denotes RoHS compliance).
* **-R**: Tape and Reel packaging.
---
### 3. Key Features & Applications
#### Features
* **Multilayer Construction:** Provides a compact footprint without the need for wire winding, increasing reliability and reducing EMI.
* **Magnetic Shielding:** The ferrite structure naturally contains the magnetic field, preventing interference with neighboring components.
* **Low Profile:** Designed for thin devices like smartphones and wearables.
#### Common Applications
1. **Mobile Electronics:** Power management modules (PMIC) in smartphones.
2. **Noise Suppression:** Used in high-speed data lines to filter out electromagnetic interference.
3. **Decoupling:** Filtering high-frequency noise from power supply lines to sensitive ICs.
---
### 4. Schematic Representation
In a circuit diagram, this part is represented by an inductor symbol:
```text
L1 (1.5µH)
----(UUUUU)----
```
---
- ⤷What are the equivalent alternative part numbers for the 47LM series?
- ⤷ How does the DC resistance (DCR) affect the efficiency of this inductor?
- ⤷ Is this specific inductor suitable for high-frequency RF applications above 1GHz?