AI

The **47LM-162W-R** is a specific model of an **AC Axial Fan**, typically manufactured by NMB Technologies (MinebeaMitsumi). These fans are designed for cooling industrial equipment, server racks, and power supplies.
---
### 1. Technical Specifications
Below are the primary electronic and mechanical specifications for this component:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 115V AC (Single Phase) |
| **Frequency** | 50 / 60 Hz |
| **Input Power** | 15.0W (at 60Hz) / 18.0W (at 50Hz) |
| **Rated Current** | 0.21A / 0.17A |
| **Speed (RPM)** | 2,600 ~ 3,100 RPM |
| **Air Flow** | ~100.0 CFM (Cubic Feet per Minute) |
| **Static Pressure** | 0.330 in H2O |
| **Noise Level** | 41 - 45 dB |
| **Bearing Type** | Dual Ball Bearing |
---
### 2. Breakdown of the Model Number
The part number follows a specific nomenclature used by NMB:
* **47**: Refers to the frame size (Approx. 119mm or 120mm).
* **LM**: Series designation (Long Life/Medium performance).
* **162**: Indicates the frame thickness and electrical characteristics.
* **W**: Termination type (Lead wires rather than terminals).
* **R**: Often indicates "RoHS Compliant" or a specific rotation/rib design.
---
### 3. Key Electronic Features
* **Shaded Pole Motor:** This fan utilizes a shaded-pole induction motor, which is common for AC fans. It is reliable and has no brushes to wear out.
* **Thermal Protection:** These units usually feature **Impedance Protection**. This means the motor is designed so that if the fan blade is stalled (locked rotor), the internal resistance prevents the coils from overheating and catching fire.
* **Dual Ball Bearings:** The "162" series typically uses high-precision ball bearings, which offer a significantly longer lifespan (approx. 50,000 to 100,000 hours) compared to sleeve bearings.
* **Aluminum Casing:** The frame is usually die-cast aluminum, which acts as a heat sink for the motor coils, improving durability in high-temperature environments.
---
### 4. Wiring Diagram (Lead Wire Version)
Since this is the "W" (Wire) version, it typically features two lead wires:
```yaml
Wire 1: Black (Line/Live)
Wire 2: Black (Neutral)
Ground: Often provided via a screw point on the aluminum frame.
```
---
- ⤷
What is the difference between impedance protection and thermal protection in AC fans?
- ⤷ Can this fan be used with a speed controller or dimmer?
- ⤷ How does the CFM rating change if I run this fan at 50Hz instead of 60Hz?