AI

The part number **47LM-1D1W-R** typically refers to a specific series of **LED indicators** or lighting components, often associated with industrial interfaces, control panels, or status displays.
Below is a detailed breakdown of the electronic specifications and characteristics generally associated with this component type.
---
### 1. Component Overview
This part is a high-performance LED indicator designed for surface mount or panel mount applications, known for its reliability in industrial environments.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | LED Indicator / Status Light |
| **Color** | White (Cool White) |
| **Mounting Type** | Surface Mount (SMD) or Specific Housing |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
| **Application** | Industrial Controls, Networking Equipment, Consumer Electronics |
---
### 2. Technical Characteristics
The part is engineered to provide high luminosity while maintaining low power consumption.
#### A. Electrical Specifications
* **Forward Voltage ($V_f$):** Typically ranges between **2.8V to 3.6V** for white LEDs.
* **Forward Current ($I_f$):** Standard operating current is usually around **20mA**, though it may support pulse currents.
* **Power Dissipation:** Low thermal footprint, suitable for high-density PCB layouts.
#### B. Optical Specifications
* **Luminous Intensity:** High output measured in millicandela (mcd).
* **Viewing Angle:** Generally wide (110° to 140°) to ensure visibility from various positions.
* **Color Temperature:** Cool White, often used for clear status signaling.
---
### 3. Part Number Decoder (Typical)
While naming conventions vary by manufacturer (such as Kingbright, Dialight, or others), the code usually breaks down as follows:
1. **47LM:** Series identifier (Specific physical dimensions and lens type).
2. **1D:** Electrical configuration (often refers to internal circuitry or diode arrangement).
3. **1W:** Color code (W = White).
4. **-R:** Environmental compliance (RoHS Compliant).
---
### 4. Common Applications
* **Status Indicators:** Power on/off, fault detection, or link activity in routers.
* **Backlighting:** Small scale backlighting for LCDs or switches.
* **Automotive:** Dashboard indicators or ambient interior lighting.
---
- ⤷
What is the exact manufacturer for this specific part number?
- ⤷ What are the physical dimensions or package size (e.g.
- ⤷ 0805
- ⤷ 1206) for this LED?
- ⤷ Are there specific resistors required when using this part with a 5V or 12V power supply?