AI

The **47LPA-102YR-R** is a specific electronic component, typically categorized as a **surface-mount power inductor**. Parts with this nomenclature (47LPA series) are often manufactured by companies like *Taiyo Yuden* or similar power component specialists, designed for high-efficiency power conversion.
---
### 1. Technical Specifications
Based on the standard naming conventions for this series, here are the primary technical characteristics:
| Property | Value/Description |
| :--- | :--- |
| **Inductance** | 1.0 µH (Identified by "102") |
| **Tolerance** | ±30% (Identified by "Y") |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Core Material** | Metal Alloy / Ferrite |
| **Packaging** | Tape & Reel (Identified by "-R") |
---
### 2. Decoding the Part Number
The part number can be broken down into functional segments:
1. **47LPA**: The series identifier. This usually refers to a specific low-profile, high-current power inductor series.
2. **102**: The inductance value.
* The first two digits (10) are significant.
* The third digit (2) is the multiplier (10^2).
* Calculation: $10 \times 10^2 = 1000$ nH, which equals **1.0 µH**.
3. **Y**: Represents the tolerance code. In this specific series, "Y" usually denotes **±30%**.
4. **R**: Denotes the packaging style, specifically **Tape & Reel** for automated assembly.
---
### 3. Key Features and Applications
These components are engineered for modern, compact electronic devices.
#### Key Features:
* **Low Profile:** Designed to fit in slim devices like smartphones and tablets.
* **High Saturation Current:** Uses metal materials to prevent performance drops during high-load peaks.
* **Magnetic Shielding:** Minimizes electromagnetic interference (EMI) with surrounding components.
#### Common Applications:
* **DC-DC Converters:** Voltage regulation in battery-powered devices.
* **CPU/GPU Power Supply:** Providing stable current to processors.
* **Mobile Electronics:** Used in laptops, SSDs, and handheld gaming consoles.
---
### 4. Handling and Soldering
| Aspect | Recommendation |
| :--- | :--- |
| **Reflow Profile** | Lead-free (Pb-free) soldering compatible. |
| **Moisture Sensitivity** | Usually MSL Level 1 (Unlimited floor life). |
| **Storage** | Store in a cool, dry environment to prevent oxidation of terminals. |
- ⤷What are the maximum current ratings for the 47LPA-102YR-R?
- ⤷ How does a 1.0 µH inductor compare to a 2.2 µH inductor in a DC-DC converter?
- ⤷ Which manufacturers are the primary competitors for this specific inductor series?