47LPA-150YR-R
AI

The **47LPA-150YR-R** is a specific electronic component typically categorized as a **Low-Profile Power Inductor**. These parts are designed for high-density power management circuits where vertical space is limited.
---
### ## Technical Specifications
Below are the key characteristics typically associated with the 47LPA-150YR-R series:
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 15 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by 'M') or ±30% |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Current Rating (Isat)** | Typically 1.5A to 3.0A (varies by specific footprint) |
| **DC Resistance (DCR)** | Low (optimized for high efficiency) |
| **Shielding** | Shielded construction (minimizes EMI) |
---
### ## Component Identification
The part number can be broken down to understand its properties:
1. **47LPA**: The series identifier. "LP" often stands for **Low Profile**, and "A" usually denotes an automotive or advanced grade.
2. **150**: The inductance code. The first two digits are significant figures, and the third is the multiplier ($15 \times 10^0 = 15$).
3. **Y/R**: Tolerance and packaging indicators (e.g., Tape & Reel).
---
### ## Typical Applications
These inductors are found in circuits requiring stable power delivery in small form factors:
* **DC-DC Converters:** Buck or boost converters for battery-powered devices.
* **Mobile Electronics:** Smartphones, tablets, and wearable tech where height is a constraint.
* **Automotive Infotainment:** Used in dash displays and sensors.
* **LED Drivers:** Providing constant current for lighting modules.
---
### ## Internal Structure (Conceptual)
The part is constructed using a wire-wound coil around a ferrite core, often molded with a metallic powder to reduce electromagnetic interference (EMI).
```yaml
Construction:
Core Material: Ferrite or Metal Composite
Winding: Copper wire
Termination: Lead-free (RoHS Compliant)
Shielding: Magnetic shielding to prevent crosstalk
```
- ⤷
What is the maximum height profile for the 47LPA series?
- ⤷ Can this part be used in high-temperature automotive environments?
- ⤷ What are the equivalent alternatives for the 150YR-R inductor?