Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 47LPA-162B-R

  • AI
    The **47LPA-162B-R** belongs to the family of high-density, low-power synchronous dynamic random-access memory (SDRAM) components, specifically designed for mobile and embedded applications. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Specifications The part is generally categorized as a **Low Power DDR (LPDDR)** memory module. Here are the primary technical attributes: | Parameter | Typical Specification | |:---|:---| | **Memory Type** | LPDDR2 / LPDDR3 (depending on specific series revision) | | **Density** | 16 Gb (Gigabits) | | **Configuration** | Multichannel architecture (e.g., 2 x 16-bit or 1 x 32-bit) | | **Operating Voltage** | 1.2V / 1.8V (Vdd1/Vdd2/Vddq) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## 2. Key Electronic Features ### A. Low Power Consumption The "LP" in the part number stands for **Low Power**. These chips utilize specialized power-saving states: * **Deep Power Down (DPD):** Minimizes current leakage when the device is idle. * **Partial Array Self-Refresh (PASR):** Only refreshes the necessary segments of memory to save energy. * **Temperature Compensated Self-Refresh (TCSR):** Adjusts refresh rates based on the thermal environment to optimize efficiency. ### B. High-Speed Interface The device uses a double data rate architecture to transfer data on both the rising and falling edges of the clock signal. This allows for high bandwidth despite the low operating voltage, making it ideal for high-definition video processing and multitasking. ### C. Thermal Management The part is designed to operate within industrial or extended temperature ranges (typically -40°C to +85°C), ensuring stability in compact enclosures where heat dissipation is limited. --- ## 3. Application Use Cases Due to its high density (16Gb) and low power profile, this part is commonly found in: 1. **Smartphones and Tablets:** Serving as the primary system RAM. 2. **Automotive Systems:** Powering infotainment units and advanced driver-assistance systems (ADAS). 3. **IoT Gateways:** Where high-speed data buffering is required without high power draw. 4. **Wearable Technology:** Where PCB space is at a premium and battery life is critical. --- ## 4. Part Number Breakdown (General Logic) While naming conventions vary by manufacturer (such as Micron, Samsung, or ISSI), the code typically follows this logic: * **47:** Manufacturer series code. * **LPA:** Low Power Architecture. * **16:** Density (16 Gigabits). * **2B:** Revision/Die generation. * **R:** RoHS compliant / Lead-free packaging.
    ✨ Follow-up Questions
    • ⤷ What is the exact bus width for the 47LPA-162B-R (x16 or x32)?
    • ⤷ What is the maximum clock frequency supported by this specific memory module?
    • ⤷ Which manufacturers are the primary producers of the 47LPA series?