47LPQ-00BG-R
AI

The part number **47LPQ-00BG-R** refers to a high-performance **Pulsed Laser Diode (PLD)** module, typically manufactured by companies like **Excelitas Technologies**. These components are specifically engineered for applications requiring high-intensity, short-duration light pulses.
---
### 1. Technical Specifications
Below are the typical technical characteristics associated with this series of laser diodes:
| Feature | Specification |
| :--- | :--- |
| **Technology** | Multi-junction Pulsed Laser Diode |
| **Peak Wavelength** | ~905 nm (Near-Infrared) |
| **Peak Power Output** | High (often ranging from 70W to 100W+ depending on drive current) |
| **Configuration** | Stacked / Quad-junction |
| **Package Type** | Low-profile, surface mount or specialized cavity |
| **Duty Cycle** | Low (typically < 0.1%) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Key Electronic Features
* **Multi-Junction Stack:** The "47" series often utilizes a multi-epi-layer structure. This allows the diode to emit significantly higher peak power from a small aperture compared to single-junction lasers.
* **Efficiency:** Designed for high "wall-plug" efficiency, converting electrical pulses into optical energy with minimal heat dissipation during the pulse.
* **Response Time:** Optimized for nanosecond (ns) pulse widths, which is critical for precision distance measurement.
---
### 3. Application Areas
These parts are industrial/automotive grade and are commonly found in:
1. **LiDAR Systems:** Used in autonomous vehicles and drones for 3D mapping and obstacle detection.
2. **Range Finding:** Professional-grade laser rangefinders for surveying and military use.
3. **Adaptive Cruise Control:** Integrated into vehicle safety systems to monitor the distance to the car ahead.
4. **Industrial Sensing:** High-speed object detection and safety light curtains.
---
### 4. Circuit Implementation Notes
To operate this part effectively, the following electronic considerations are necessary:
* **High Current Driver:** Requires a specialized MOSFET-based driver capable of delivering high peak currents (e.g., 20A - 40A) for very short durations (e.g., 1ns to 100ns).
* **Heat Dissipation:** While the average power is low, the instantaneous heat at the junction is high. Proper PCB thermal management is required.
* **Safety:** As a Class 3B or Class 4 laser (depending on optics), eye safety regulations (IEC 60825-1) must be followed during circuit design.
- ⤷
What are the recommended pulse width and frequency limits for this diode?
- ⤷ Can you provide a typical driver circuit diagram for a 905nm pulsed laser?
- ⤷ How does the temperature affect the wavelength stability of the 47LPQ series?