47LPQ-02B-R/
AI

The **47LPQ-02B-R** is a specific electronic component belonging to the family of **Rotary DIP Switches**. These parts are commonly used on Printed Circuit Boards (PCBs) to allow users or technicians to manually set binary or hexadecimal codes to configure device behavior.
---
### 1. Component Overview
The "47L" series is typically manufactured by brands like **Grayhill** or similar precision switch manufacturers. This specific part is characterized by its low-profile design and its ability to interface directly with logic circuits.
### 2. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Rotary DIP Switch |
| **Number of Positions** | 10 Positions (0-9) |
| **Output Code** | BCD (Binary Coded Decimal) |
| **Actuator Style** | Flush / Screwdriver Slot |
| **Mounting Type** | Surface Mount (SMT) or Through-Hole (Model dependent) |
| **Contact Rating** | Usually 100mA @ 50VDC (Non-switching) |
| **Operating Temperature** | -40°C to +85°C |
---
### 3. Key Characteristics
* **Low Profile:** The "LPQ" designation often refers to "Low Profile" and "Quad" (referring to the pin layout or square shape). This makes it ideal for compact electronics where vertical space is limited.
* **BCD Output:** When you rotate the dial to a number (e.g., '3'), the pins output the corresponding binary code (0011). This is easily read by microcontrollers.
* **Sealed Construction:** These switches are usually "process sealed," meaning they can withstand automated wave soldering and washing processes without internal contamination.
---
### 4. Pin Configuration (Typical BCD)
In a standard 10-position BCD rotary switch, you will find a common pin and four output pins representing the binary bits:
```text
Position | Pin 1 (1) | Pin 2 (2) | Pin 4 (4) | Pin 8 (8)
-------------------------------------------------------
0 | OFF | OFF | OFF | OFF
1 | ON | OFF | OFF | OFF
2 | OFF | ON | OFF | OFF
3 | ON | ON | OFF | OFF
... and so on up to 9.
```
---
### 5. Common Applications
1. **Address Setting:** Used to set the unique ID of a device on a bus (like RS-485 or CAN bus).
2. **Mode Selection:** Choosing between different operational modes in industrial equipment.
3. **Configuration:** Setting baud rates or frequency channels in communication modules.
- ⤷
What is the difference between BCD and Hexadecimal output in these switches?
- ⤷ How do I interpret the 'R' suffix in this part number?
- ⤷ What are the soldering precautions for surface mount rotary switches?