AI

The part number **47LPQ-42B-R/Q** typically refers to a specialized **rotary encoder** or a high-precision **potentiometer** assembly, often used in aerospace, medical, or high-end industrial control systems.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Component Overview
This component is designed for **human-machine interface (HMI)** applications where tactile feedback, precision, and durability are critical.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Concentric Rotary Switch / Encoder |
| **Input Type** | Dual-shaft (Concentric) |
| **Termination** | PCB Mount / Solder Pins |
| **Mounting Type** | Panel Mount |
| **Lifecycle** | High-reliability (often 100,000+ cycles) |
---
## 2. Technical Breakdown
The "47LPQ" series usually belongs to families of products like those produced by **Grayhill** or similar precision manufacturers.
### A. Dual-Shaft Functionality
The "42B" designation often signifies a **concentric shaft** configuration.
- **Inner Shaft:** Controls one set of parameters (e.g., fine adjustment).
- **Outer Shaft:** Controls a different set of parameters (e.g., coarse adjustment).
- This saves panel space by combining two controls into one footprint.
### B. Electrical Specifications
Typical electrical characteristics for this class of component include:
* **Contact Rating:** Low current (typically 10mA to 250mA at 115 VAC/28 VDC).
* **Insulation Resistance:** 1,000 MΩ minimum.
* **Dielectric Strength:** 500 VAC to 1,000 VAC between terminals.
* **Output Logic:** Usually binary coded (Binary, Gray Code) or standard rotary switching.
### C. Environmental Durability
The "R/Q" suffix often denotes specific environmental or quality ratings:
* **R:** Often stands for **RoHS Compliant** or **Reinforced** sealing.
* **Q:** Often stands for **Qualified** (Military/Aerospace standards) or **Quick-Connect** terminal style.
---
## 3. Common Applications
Due to its precision and dual-shaft nature, this part is frequently found in:
1. **Avionics:** Cockpit radio frequency tuning (kHz/MHz).
2. **Medical Imaging:** Adjusting gain or zoom on ultrasound/MRI consoles.
3. **Test Equipment:** Oscilloscopes or signal generators for multi-variable tuning.
4. **Military Communications:** Ruggedized field radios.
---
- ⤷
What is the exact pinout diagram for the 47LPQ series?
- ⤷ Can this component be used in high-vibration environments?
- ⤷ What is the difference between Gray Code and Binary Coded outputs in these encoders?