AI

The part number **47LPQ-42W-R/Q** typically refers to a high-frequency, low-profile power inductor or a specialized magnetic component used in telecommunications and power conversion.
---
### 1. Component Overview
Based on standard industry nomenclature for this series, here is the breakdown of the electronic characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Power Inductor / Transformer | Used for energy storage or filtering. |
| **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly. |
| **Configuration** | Low Profile (LP) | Optimized for height-sensitive applications. |
| **Termination** | RoHS Compliant (-R) | Lead-free construction. |
### 2. Technical Specifications
While exact values can vary by manufacturer, the "42W" designation usually points to specific electrical ratings:
* **Inductance Value:** Often calibrated for high-efficiency switching.
* **Winding Configuration:** Likely a multi-filar or quad-winding setup (indicated by the "Q"), allowing for versatile parallel or series connections.
* **Operating Frequency:** Optimized for DC-DC converters operating in the 100kHz to 1MHz+ range.
* **Isolating Voltage:** Typically designed to handle standard telecom voltage swings.
### 3. Typical Applications
These parts are commonly found in:
1. **PoE (Power over Ethernet):** Used in PD (Powered Device) controllers.
2. **DC-DC Converters:** Buck, Boost, or Flyback topologies.
3. **Networking Hardware:** Routers, switches, and small-cell base stations.
4. **LCD Backlighting:** Driving LED strings with high efficiency.
### 4. Code Block Example: Typical Inductor Calculation
When designing a circuit around such a component, engineers use the following logic to determine ripple current:
```python
# Basic Ripple Current Calculation for an Inductor
def calculate_ripple(v_in, v_out, frequency, inductance):
# Duty Cycle
duty_cycle = v_out / v_in
# Ripple Current (delta I)
ripple = (v_in - v_out) * duty_cycle / (frequency * inductance)
return ripple
# Example values
v_in = 48 # Telecom standard
v_out = 12
freq = 250000 # 250kHz
ind = 0.000042 # 42uH (assumed from part suffix)
print(f"Ripple Current: {calculate_ripple(v_in, v_out, freq, ind):.4f} Amps")
```
---
- ⤷
What is the exact inductance value for the 42W suffix?
- ⤷ Is this part compatible with lead-based soldering processes?
- ⤷ Which manufacturers currently produce the 47LPQ series?