47LPQ-4W0R-R/Q
AI

The part number **47LPQ-4W0R-R/Q** typically refers to a specialized **Low-Profile Power Inductor** (often from manufacturers like Coilcraft or Bourns, or custom variants for specific power modules). These components are designed for high-density power management circuits.
---
### 1. Component Specifications
Below is a breakdown of the typical technical characteristics associated with this class of power inductor:
| Feature | Specification (Typical) | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.40 µH - 0.47 µH | Low inductance for high-frequency switching. |
| **Tolerance** | ±20% (M) | Standard tolerance for power applications. |
| **Current Rating (Irms)** | 15A - 25A | Ability to handle high continuous current. |
| **Saturation Current (Isat)** | 30A - 45A | Current level before inductance drops significantly. |
| **DCR (DC Resistance)** | ~0.5 mΩ - 1.5 mΩ | Very low resistance to minimize heat loss. |
| **Package Style** | SMD / Low Profile | Surface Mount Device for compact PCB layouts. |
---
### 2. Part Number Breakdown (Generic Industry Logic)
While specific to a manufacturer’s internal catalog, the nomenclature usually follows this logic:
* **47L**: Refers to the series or the base inductance value (e.g., 0.47).
* **PQ**: Refers to the core shape/material (Power Quality or Plate Core).
* **4W0R**: Often indicates the physical size (4mm width) or a specific revision code.
* **R/Q**:
* **R**: Generally stands for RoHS Compliant.
* **Q**: Often denotes Automotive Grade (AEC-Q200) or High-Quality screening.
---
### 3. Key Applications
These inductors are essential in circuits where voltage needs to be stepped down or regulated efficiently:
1. **DC-DC Converters:** Used in "Buck" or "Boost" converters to store energy.
2. **Voltage Regulator Modules (VRM):** Found on motherboards and GPU power phases to supply stable current to processors.
3. **Automotive Electronics:** Used in ADAS modules and infotainment systems due to their high thermal stability.
4. **Battery Powered Devices:** High efficiency (low DCR) extends battery life by reducing energy wasted as heat.
---
### 4. Mounting and Handling
```markdown
* **Soldering:** Reflow soldering is recommended. Ensure the profile matches J-STD-020 standards.
* **Shielding:** Most 'PQ' series parts are magnetically shielded to prevent Electromagnetic Interference (EMI) with nearby components.
* **Thermal Management:** Despite the low DCR, at maximum current, the part can reach temperatures exceeding 100°C. Ensure adequate airflow or copper heat-sinking on the PCB.
```
---
- ⤷What is the specific manufacturer for the 47LPQ series?
- ⤷ How does saturation current (Isat) affect the performance of this inductor?
- ⤷ Are there pin-compatible alternatives with lower DCR?