AI

The part number **47LPQ-4W1R-R/Q** typically refers to a high-frequency, surface-mount inductor (often used in power management or RF applications) manufactured by specialized component brands. Below is a breakdown of the electronic characteristics and specifications associated with this type of component.
---
## 1. Component Overview
This component is a **Power Inductor** (Fixed Inductor) designed for high-current applications where space-saving and low DC resistance (DCR) are critical.
### Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Inductance** | 1.0 $\mu$H (typically indicated by "1R" in the code) |
| **Tolerance** | ±20% (Standard for "M" or "R" designations) |
| **Package Type** | Surface Mount (SMD) |
| **Core Material** | Ferrite or Composite Metal Powder |
| **Application** | DC-DC Converters, VRM, Laptop Power, Handheld devices |
---
## 2. Part Number Breakdown
While manufacturer naming conventions vary slightly, the string usually follows this logic:
* **47LPQ**: The series identifier. "LPQ" often stands for "Low Profile, High Q" (High Quality factor), indicating it is designed for efficiency and minimal vertical space.
* **4W**: Often refers to the physical size/footprint (e.g., 4mm x 4mm).
* **1R**: Represents the value. "R" acts as the decimal point. **1R0** or **1R** = **1.0 microhenries ($\mu$H)**.
* **R/Q**: Often indicates the packaging style (Tape & Reel) and environmental compliance (RoHS/Quality Grade).
---
## 3. Key Electronic Characteristics
### High Current Handling
These inductors are designed to handle high **Saturation Current ($I_{sat}$)**. This is the point where the inductance drops due to the core reaching its magnetic limit. In the 47LPQ series, this is optimized to prevent sudden drops in circuit efficiency.
### Low DCR (Direct Current Resistance)
To minimize heat generation and power loss, the internal copper winding is designed with very low resistance. This is vital for battery-operated devices to extend battery life.
### Shielding
Most parts in this category are **Magnetically Shielded**. This prevents electromagnetic interference (EMI) from affecting nearby components on the PCB, which is crucial for high-density layouts.
---
## 4. Typical Applications
1. **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs to smooth out power delivery.
2. **Point of Load (POL) Converters:** Converting a main power rail (like 12V) down to 1.8V or 1.2V.
3. **Smartphones/Tablets:** Because of the "LP" (Low Profile) nature, they fit in slim mobile devices.
- ⤷
What is the exact saturation current (Isat) rating for the 47LPQ-4W1R-R/Q?
- ⤷ How does a shielded inductor differ from an unshielded one in terms of EMI performance?
- ⤷ Can you provide a cross-reference for this part from manufacturers like Vishay or TDK?