AI

The part number **47LPQ-51BG-R** typically refers to a specialized electronic component, often associated with high-precision **Potentiometers** or **Rotary Encoders**, frequently manufactured by brands like *Noble* or specialized industrial component suppliers.
Below is a breakdown of the technical specifications and characteristics typically associated with this series.
---
### 1. General Specifications
This component is designed for precise control in audio, industrial, or instrumentation equipment.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Rotary Potentiometer / Control Switch |
| **Resistance / Value** | 50kΩ - 100kΩ (Variable based on suffix) |
| **Mounting Type** | Through-hole (PCB Mount) |
| **Adjustment Type** | Top Actuated / Shaft |
| **RoHS Status** | Compliant (Indicated by "-R") |
| **Packaging** | Bulk or Tray |
### 2. Part Number Breakdown (Functional Mapping)
While manufacturers have unique codes, the string "47LPQ-51BG-R" can generally be decoded as follows:
* **47L / PQ:** Series identifier (often denotes a low-profile or specific mechanical footprint).
* **51:** Often represents the electrical characteristic or taper (e.g., Linear or Logarithmic).
* **BG:** Specific bushing or shaft style (e.g., Flatted shaft, Knurled, or specific length).
* **-R:** Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
### 3. Key Mechanical Characteristics
These parts are engineered for durability and tactile feedback:
* **Rotational Life:** Often rated for 10,000 to 15,000 cycles.
* **Shaft Material:** Usually plastic or aluminum alloy depending on the specific industrial grade.
* **Detents:** May include a center detent (click feel) if used for balance or EQ controls.
### 4. Common Applications
* **Audio Mixing Consoles:** Used for gain control or frequency adjustments.
* **Medical Equipment:** Precision settings in diagnostic interfaces.
* **Test & Measurement:** Calibration knobs on oscilloscopes or signal generators.
* **Home Appliances:** Control interfaces for high-end ovens or HVAC systems.
---
- ⤷What is the exact resistance value and taper for the '51' suffix?
- ⤷ Are there alternative cross-references for this part from manufacturers like ALPS or Bourns?
- ⤷ Can this part be used in high-temperature industrial environments?