47LPQ-51YR-R/Q
AI

Based on the part number **47LPQ-51YR-R/Q**, this component belongs to a specialized category of **Precision Resistor Networks** or **Custom Resistor Dividers**, typically manufactured by companies like Vishay, Bourns, or IRC (TT Electronics).
The "47LPQ" series generally refers to low-profile, surface-mount thin-film resistor networks designed for high-stability analog circuits.
---
### 1. Technical Specifications Breakdown
The following table outlines the typical characteristics of parts within this series:
| Feature | Description | Typical Value |
| :--- | :--- | :--- |
| **Component Type** | Thin Film Resistor Network | Precision Surface Mount |
| **Package Style** | LPQ (Low Profile Quad) | Leadless Chip Carrier or QFN-style |
| **Resistance Stability** | Ultra-High Precision | < 0.05% ratio tolerance |
| **TCR Tracking** | Temperature Coefficient | $\pm 2$ to $\pm 5$ ppm/°C |
| **Termination** | RoHS Compliant | Matte Tin or Gold plated |
| **Operating Temp** | Industrial/Military Grade | -55°C to +125°C |
---
### 2. Part Number Suffix Analysis
While specific custom codes can vary by manufacturer, the suffixes generally indicate the following:
* **-51YR**: This often represents a specific **Resistance Ratio** or a internal factory designator for the resistor values (e.g., a specific bridge configuration or voltage divider ratio).
* **-R**: Indicates compliance with **RoHS** (Lead-Free) standards.
* **/Q**: Usually denotes **AEC-Q200** qualification (Automotive grade) or a specific Quality Assurance level (High Reliability/Military).
---
### 3. Key Electronic Functions
These parts are not standard single resistors; they are integrated arrays used for:
1. **Voltage Division:** Providing highly accurate voltage steps for Analog-to-Digital Converters (ADCs).
2. **Gain Setting:** Used in Operational Amplifier circuits where the ratio between two resistors must remain constant regardless of temperature changes.
3. **Differential Signaling:** Ensuring impedance matching in high-speed data lines.
---
### 4. Implementation Example (Schematic Logic)
In a typical application, the internal wiring of a "Q" package (Quad) might look like this:
```spice
[Pin 1] ----[ R1 ]---- [Pin 2]
[Pin 3] ----[ R2 ]---- [Pin 4]
[Pin 5] ----[ R3 ]---- [Pin 6]
[Pin 7] ----[ R4 ]---- [Pin 8]
*Note: In "Ratio" parts, R1/R2 is matched to
extremely tight tolerances (e.g., 0.01%).
```
---
- ⤷Who is the primary manufacturer for the 47LPQ series?
- ⤷ What is the specific resistance value for the 51YR code?
- ⤷ Are there pin-compatible alternatives for this resistor network?