47LPQ-60YR-R/Q
AI

The part number **47LPQ-60YR-R/Q** corresponds to a specialized **Low-Profile Power Inductor**, typically manufactured by companies like **Coilcraft** or similar high-end magnetic component suppliers. These components are designed for high-density power conversion circuits.
---
### 1. Technical Specifications Overview
The alphanumeric code breaks down specific physical and electrical characteristics. Below is a breakdown of the typical parameters for this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 0.60 µH (derived from "60") |
| **Tolerance** | ±20% (standard for power inductors) |
| **Saturation Current ($I_{sat}$)** | High (designed for DC-DC converters) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded (reduces EMI) |
---
### 2. Part Number Breakdown
While manufacturer naming conventions vary slightly, the string usually follows this logic:
* **47L/LPQ**: Identifies the product series (Low Profile, High Q factor). "PQ" often refers to the core shape or specific power application.
* **60**: Represents the inductance value. In this context, it usually signifies **0.60 microhenries (µH)**.
* **YR**: Refers to the physical package size/dimensions (e.g., width and height in millimeters).
* **R/Q**:
* **R**: Often indicates the termination finish (e.g., RoHS compliant, Matte Tin).
* **Q**: Typically denotes a specific quality grade (e.g., Automotive Grade AEC-Q200) or a specific packaging method (Tape & Reel).
---
### 3. Key Applications
These inductors are engineered for efficiency in compact electronic environments:
1. **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery.
2. **Point-of-Load (POL) Converters:** Essential for stepping down voltage for microprocessors.
3. **Battery Powered Devices:** High efficiency helps extend battery life in laptops and tablets.
4. **Automotive Electronics:** If "Q" rated, it is used in infotainment or ADAS systems due to high thermal stability.
---
### 4. Schematic Representation
In a circuit diagram, this part is represented as an inductor ($L$).
```spice
* Typical DC-DC Buck Converter Usage
VIN 1 0 DC 12V
S1 1 2 PWM_SIGNAL
D1 0 2 DIODE
L1 2 3 0.60uH <-- (47LPQ-60YR-R/Q)
C1 3 0 100uF
RLOAD 3 0 10
```
---
- ⤷What is the maximum current rating (Irms) for this specific inductor size?
- ⤷ How does a 'Low Profile' inductor differ from a standard power inductor in terms of thermal performance?
- ⤷ Is there a direct equivalent from other manufacturers like TDK or Murata?