47LPQ-61B-R/Q
AI

Based on the part number provided, **47LPQ-61B-R/Q** refers to a high-frequency power inductor, specifically part of a series often utilized in telecommunications, power supplies, and automotive electronics.
### Component Overview
The "47LPQ" series typically represents a **Flat Wire High Current Inductor**. These components are designed to handle high power in a compact "Low Profile" (LP) footprint.
---
### Technical Specifications
Below is a breakdown of the typical characteristics associated with this class of electronic part:
| Parameter | Specification (Typical) | Description |
| :--- | :--- | :--- |
| **Inductance** | 6.1 $\mu$H | The "61" in the code often denotes the inductance value. |
| **Mounting Type** | SMD (Surface Mount) | Designed for automated PCB assembly. |
| **Core Material** | Ferrite / Powder | Optimized for low core losses at high frequencies. |
| **Termination** | Matte Tin / RoHS | The "R" usually indicates RoHS compliance. |
| **Operating Temp** | -40°C to +125°C | Industrial grade temperature range. |
---
### Key Features
1. **Flat Wire Construction:** Unlike round wire, flat wire minimizes the "skin effect" and allows for a higher fill factor, resulting in lower DC Resistance (DCR).
2. **High Saturation Current:** These parts are engineered to maintain inductance even when high levels of current are flowing through them.
3. **Electromagnetic Shielding:** Usually features a shielded construction to minimize EMI (Electromagnetic Interference) with neighboring components on the PCB.
4. **Low Profile:** The "LP" designation signifies a height-optimized design, ideal for thin electronic devices or dense server racks.
### Common Applications
* **DC-DC Converters:** Used as energy storage elements in buck, boost, or buck-boost regulators.
* **Voltage Regulator Modules (VRM):** Commonly found near CPUs and GPUs to manage high-current power delivery.
* **Automotive Infotainment:** Power filtering for high-reliability systems.
* **Solar Inverters:** Handling high-frequency switching in renewable energy circuits.
---
### Part Number Breakdown (Logic)
* **47:** Series Family (High Current/High Frequency).
* **LPQ:** Low Profile, Shielded configuration.
* **61:** Inductance code (6.1 Microhenries).
* **B:** Tolerance or Mechanical Revision code.
* **R/Q:** RoHS Compliant / Quality standard or Packaging type (Tape & Reel).
- ⤷What is the maximum current rating for the 47LPQ-61B-R/Q?
- ⤷ How does flat wire construction compare to standard round wire in inductors?
- ⤷ Are there specific footprint dimensions for the 47LPQ series?