47LPQ-62W-R/Q
AI

The part number **47LPQ-62W-R/Q** corresponds to a specialized **Quarter-Brick DC-DC Converter** typically manufactured by companies like Murata or specialized power module providers. These components are designed for high-efficiency power conversion in telecommunications and computing environments.
---
### 1. General Specifications
The "47LPQ" series belongs to the family of isolated, board-mounted power modules. Below are the typical technical characteristics for this specific model:
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Form Factor** | Quarter-Brick (approx. 2.30" x 1.45") |
| **Input Voltage** | 36V to 75V DC (Standard Telecom Input) |
| **Output Voltage** | 12V DC (Standard "62W" variant configuration) |
| **Max Power Output** | ~60W to 62W |
| **Isolation** | 1500V DC to 2250V DC |
| **Efficiency** | Up to 90% - 94% |
---
### 2. Breakdown of the Part Number
While nomenclature varies slightly by manufacturer, the suffix codes generally represent the following:
* **47LPQ**: The series designation for Low Profile Quarter-brick converters.
* **62W**: Indicates the power rating or specific voltage/current combination (62 Watts).
* **-R**: Usually signifies **RoHS Compliance** (Restriction of Hazardous Substances).
* **-Q**: Often indicates a specific **Pin Length** (shorter pins for SMT/wave soldering) or a specific **Thermal/Baseplate** option for heat sinking.
---
### 3. Key Electronic Features
* **Remote On/Off Control:** Allows the system to enable or disable the power module via a logic signal.
* **Output Trim:** Allows the user to adjust the output voltage slightly (usually ±10%) using an external resistor.
* **Protection Circuits:**
* **OTP:** Over Temperature Protection.
* **OCP:** Over Current Protection (Hiccup mode).
* **UVLO:** Under Voltage Lockout (prevents operation if input voltage is too low).
* **Fixed Frequency Switching:** Reduces electromagnetic interference (EMI) and makes filtering more predictable.
---
### 4. Common Applications
Due to its high power density and isolation, this part is commonly used in:
1. **Distributed Power Architectures (DPA):** Converting high-voltage bus power down to intermediate voltages.
2. **Telecommunications:** Powering base stations and switching equipment.
3. **Industrial Controls:** Providing stable DC power in environments with fluctuating input voltages.
---
- ⤷
What is the exact pinout configuration for the 47LPQ series?
- ⤷ How does the 'Trim' function work electronically in this DC-DC converter?
- ⤷ What are the thermal derating requirements for using this part without a heatsink?