47LPT-151YR-R
AI

The **47LPT-151YR-R** is a specific electronic component, typically categorized as a **Surface Mount Inductor (SMD)**, often used in power management circuits. This part belongs to a family of high-current power inductors designed for compact electronic devices.
---
### 1. Technical Specifications
Below are the typical technical parameters associated with this part number:
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 150 µH (Indicated by "151") |
| **Tolerance** | ±20% (Typical for "Y" or "M" codes) |
| **Package Type** | SMD (Surface Mount Device) |
| **Shielding** | Shielded (Reduces EMI/Electromagnetic Interference) |
| **RoHS Status** | Compliant (Indicated by "-R") |
| **Application** | DC-DC Converters, Power Supplies |
---
### 2. Part Number Breakdown
The alphanumeric code follows a standard industry naming convention for inductors:
* **47LPT**: This represents the series name and physical dimensions (Form Factor). It usually indicates a low-profile, high-current design.
* **151**: This is the Inductance Code in Microhenries (µH).
* The first two digits (**15**) are significant figures.
* The third digit (**1**) is the multiplier ($10^1$).
* Calculation: $15 \times 10^1 = 150 \mu H$.
* **Y**: This represents the tolerance (typically ±20% or ±30% depending on the specific manufacturer's datasheet).
* **R**: Generally signifies the packaging type (Tape & Reel) and RoHS compliance.
---
### 3. Key Applications
This component is designed for efficiency in power conversion. Common use cases include:
1. **Switch-Mode Power Supplies (SMPS):** Used to store energy and filter output current.
2. **Laptops and Tablets:** Due to its low profile, it fits in thin consumer electronics.
3. **LED Drivers:** Helps maintain a constant current flow to LEDs.
4. **DC-DC Step-up/Step-down Converters:** Essential for voltage regulation on PCBs.
---
### 4. Circuit Symbol and Footprint
In a schematic, this part is represented by the standard inductor symbol:
```text
L1
-^^^^^-
150 µH
```
- ⤷
What are the maximum current ratings for the 47LPT series?
- ⤷ How does the 'Shielded' feature affect electromagnetic interference in a circuit?
- ⤷ Can you provide a cross-reference for an equivalent part from another manufacturer?