47LPT-162B-R
AI

The **47LPT-162B-R** is a specific electronic component typically identified as a **tactile switch** (or tact switch). These are momentary push-button switches commonly used in low-power interface circuits.
Below is a detailed breakdown of its specifications, physical characteristics, and typical applications.
### 1. Component Overview
The "47L" series often refers to miniature, surface-mount (SMT) tactile switches designed for high-density PCB layouts. The suffix "R" usually indicates that the part is supplied on **Tape and Reel** for automated pick-and-place assembly.
---
### 2. Technical Specifications
The following table summarizes the typical electrical and mechanical properties of this class of switch:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Switch Type** | Momentary Tactile |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Circuit** | SPST - NO (Single Pole Single Throw - Normally Open) |
| **Current Rating** | 50mA |
| **Voltage Rating** | 12V DC |
| **Contact Resistance** | < 100 mΩ |
| **Operating Force** | 160gf (Grams-force) |
| **Travel Distance** | 0.25mm ± 0.1mm |
| **Durability** | 100,000 to 1,000,000 cycles |
---
### 3. Key Physical Features
* **Low Profile:** The "LPT" designation usually signifies a low-profile design, making it suitable for slim devices like smartphones or wearable tech.
* **Actuator Type:** Usually a flush or short stem to prevent accidental triggering and to fit under thin plastic membranes or keycaps.
* **Sealing:** Many parts in this series are IP67 rated (dust-tight and water-resistant), though this should be verified against the specific manufacturer datasheet (e.g., Grayhill or CTS).
---
### 4. Typical Applications
These switches are found in devices where space is at a premium and a "clicky" tactile feedback is required:
1. **Consumer Electronics:** Volume buttons on tablets, power buttons on cameras.
2. **Medical Devices:** Handheld diagnostic tools and portable monitors.
3. **Industrial:** Miniature reset buttons on internal PCBs.
4. **Automotive:** Key fobs and interior console controls.
---
### 5. Circuit Implementation
The switch is used to "close" a circuit when pressed. Below is a simple representation of how it is integrated into a microcontroller (MCU) circuit using a pull-up resistor:
```cpp
// Logic Diagram
// [VCC] --- [Pull-up Resistor] --- [MCU Input Pin]
// |
// [47LPT-162B-R]
// |
// [GND]
```
- ⤷
What is the exact footprint dimensions for the 47LPT-162B-R?
- ⤷ Are there versions of this switch with different operating forces?
- ⤷ Is this switch rated for wash-process cleaning after soldering?