47LR-100B-R
AI

The **47LR-100B-R** is a specific electronic component, primarily identified as a **Radial Leaded Inductor** (specifically a Power Choke). These are often used in power management and filtering circuits.
---
### 1. Technical Specifications
The part number follows a standard nomenclature for passive components. Below is a breakdown of its typical specifications:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 10 $\mu$H | The energy storage capacity. |
| **Tolerance** | $\pm$20% (Standard) | The allowable variance from the rated inductance. |
| **Mounting Type** | Radial Through-Hole | Two leads exiting from the bottom of the component. |
| **Termination** | Matte Tin (RoHS) | Indicated by the "-R" suffix (Lead-free/RoHS compliant). |
| **Core Material** | Ferrite | High-permeability material used to concentrate magnetic flux. |
---
### 2. Physical Characteristics
These inductors are typically constructed with a wire winding around a cylindrical ferrite core, often wrapped in a **UL-rated polyolefin shrink tube** for insulation and mechanical protection.
* **Size:** Compact footprint designed for vertical mounting on PCBs.
* **Durability:** The shrink tubing protects the fine copper wire from oxidation and physical damage.
* **Operating Temperature:** Generally rated for **-40°C to +85°C** (or higher depending on the specific manufacturer series).
---
### 3. Key Applications
Inductors like the 47LR series are essential for managing electrical noise and voltage stability.
* **DC/DC Converters:** Used as energy storage elements in buck or boost converters.
* **Power Supplies:** Acts as a filter to smooth out ripples in rectified AC power.
* **EMI/RFI Filtering:** Suppresses high-frequency noise in signal lines or power inputs.
* **Consumer Electronics:** Found in TVs, computers, and household appliances.
---
### 4. Comparison: Why Radial over SMD?
| Factor | Radial (47LR) | Surface Mount (SMD) |
| :--- | :--- | :--- |
| **Mechanical Strength** | High (Leads go through PCB) | Lower (Soldered to pads) |
| **Current Handling** | Often higher due to larger wire | Limited by small package size |
| **Production** | Better for prototyping/manual assembly | Optimized for high-speed pick-and-place |
- ⤷
What is the maximum current rating (Imax) for this specific inductor series?
- ⤷ Are there surface-mount (SMD) equivalents for the 47LR-100B-R?
- ⤷ How does the '100' in the part number translate to 10 microhenries?