47LR-141B-R
AI

The part number **47LR-141B-R** typically refers to a specialized **telecommunications magnetic component**, specifically a **DSL/ADSL Transformer** or a matching transformer used in line interface circuits. These components are critical for isolation and impedance matching in broadband communication equipment.
---
### 1. Technical Specifications
While specific datasheets can vary by manufacturer (often associated with brands like *Sumida* or *Link-Com*), the general characteristics for this series are as follows:
| Feature | Description |
| :--- | :--- |
| **Component Type** | DSL / ADSL Line Transformer |
| **Mounting Type** | Surface Mount (SMD) |
| **Turns Ratio** | Typically 1:1 or 1.2:1 (Application dependent) |
| **Inductance** | High precision for signal integrity |
| **Isolation Voltage** | Usually 1500Vrms or higher |
| **Standard Compliance** | Designed to meet ANSI and ITU-T standards |
| **RoHS Status** | The "-R" suffix typically denotes **RoHS Compliant** |
---
### 2. Key Functions
The 47LR-141B-R serves three primary purposes in an electronic circuit:
1. **Galvanic Isolation:** It protects the sensitive modem circuitry from high-voltage surges or lightning strikes on the external telephone line.
2. **Impedance Matching:** It ensures the impedance of the modem matches the impedance of the transmission line (usually 100Ω or 120Ω) to prevent signal reflection.
3. **Signal Filtering:** It helps in maintaining the purity of high-frequency data signals while blocking low-frequency noise.
---
### 3. Physical Layout and Footprint
These parts are usually housed in a compact, low-profile vacuum-encapsulated or molded package to save board space.
* **Package Style:** SMD (Surface Mount Device).
* **Terminals:** Typically 6 to 10 pins depending on the specific internal winding configuration.
* **Operating Temperature:** Generally rated for **-40°C to +85°C** (Industrial grade).
---
### 4. Typical Applications
You will commonly find this part in the following devices:
* **ADSL/VDSL Modems:** For home and office internet connectivity.
* **DSLAM Equipment:** Located in central offices of internet service providers.
* **Set-top Boxes:** Integrated with communication modules.
* **Router WAN Ports:** Specifically those interfacing with copper telephone lines.
---
- ⤷
Which manufacturer produces the 47LR-141B-R?
- ⤷ What are the specific pinout diagrams for this transformer?
- ⤷ Can this part be used in VDSL2 applications or is it limited to ADSL?