AI

The part number **47LR-151R-R/Q** typically refers to a high-power, current-sensing resistor, often part of the **47LR series**. These components are specifically designed for applications requiring high precision and low resistance values to monitor electrical current.
---
### 1. Technical Specifications
Below is a breakdown of the typical parameters for this electronic component:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Current Sense Resistor |
| **Resistance Value** | 150 mΩ (0.150Ω) |
| **Tolerance** | ±1% (Standard for 'R' suffix) |
| **Power Rating** | High Power (Typically 3W to 7W depending on size) |
| **Technology** | Metal Element / Shunt |
| **Temperature Coefficient** | Low (TCR < 50 ppm/°C) |
---
### 2. Part Number Breakdown
While manufacturer coding can vary slightly (e.g., Ohmite, Riedon, or Vishay styles), the code generally follows this logic:
* **47LR**: The series identifier, indicating a low-resistance, high-power metal element design.
* **151**: The resistance code. "15" followed by "1" zero in milliohms, or a direct representation of 150mΩ.
* **R**: Represents the decimal point or the tolerance (±1%).
* **R/Q**: Usually indicates the packaging format (e.g., Tape & Reel) or Qualification level (e.g., AEC-Q200 for automotive grade).
---
### 3. Key Applications
Because these resistors are designed to handle high current with minimal heat drift, they are used in:
1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in lithium-ion packs.
2. **Motor Control:** Detecting current spikes to prevent motor burnout.
3. **Power Supplies:** Used in the feedback loop of DC-DC converters to regulate output.
4. **Automotive Electronics:** Sensing current in electric power steering or braking systems.
---
### 4. Physical Characteristics
* **Construction:** These are usually "Metal Strip" or "Metal Plate" resistors. Unlike standard thick-film resistors, they use a solid piece of metal alloy as the resistive element.
* **Durability:** They offer excellent pulse handling capabilities and are flameproof.
* **Mounting:** Typically Surface Mount (SMD) with large solder pads to act as heat sinks.
---
- ⤷
What is the maximum operating temperature for the 47LR series?
- ⤷ How does a metal strip resistor differ from a standard thick-film resistor?
- ⤷ Can this part be used in AEC-Q200 automotive applications?