AI

The part number **47LR-161YR-R** refers to a high-precision, low-resistance metal film resistor, commonly used in automotive, industrial, and high-reliability power management circuits.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Fixed Resistor / Metal Film |
| **Resistance Value** | 160 Ohms (derived from the '161' code) |
| **Tolerance** | ±0.1% to ±1% (Series dependent) |
| **Mounting Type** | Surface Mount (SMD) / Through-Hole (Variant dependent) |
| **Power Rating** | High Power (Typically 0.5W to 1W for this series) |
| **Operating Temp** | -55°C to +155°C |
---
### 2. Breakdown of the Part Number
While specific manufacturers (like TE Connectivity or Vishay) use internal coding, the standard breakdown for this series is as follows:
* **47LR**: The series identifier, typically indicating a **Low Resistance** or **Long-Run** stability metal film technology.
* **161**: The resistance code. The first two digits (16) are significant figures, and the third (1) is the multiplier ($10^1$). $16 \times 10 = 160 \Omega$.
* **Y**: Typically represents the **Temperature Coefficient of Resistance (TCR)**, often signifying $\pm 15 \text{ppm/}^\circ\text{C}$ or $\pm 25 \text{ppm/}^\circ\text{C}$.
* **R**: Generally indicates the packaging type, specifically **Tape & Reel** for automated assembly.
---
### 3. Application Use Cases
Due to its high stability and low noise characteristics, this part is ideal for:
1. **Current Sensing:** Precision monitoring of current flow in power supplies.
2. **Feedback Loops:** Used in Op-Amp circuits where precise gain is required.
3. **Automotive Electronics:** Sensors and ECU units requiring AEC-Q200 compliance.
4. **Medical Equipment:** High-accuracy diagnostic tools.
---
### 4. Implementation Example (Voltage Divider)
In a precision voltage divider circuit, this resistor might be paired with another high-precision resistor to ensure a stable output voltage regardless of temperature fluctuations.
```python
# Simple Python calculation for Voltage Divider
v_in = 12.0 # Input Voltage
r1 = 160 # 47LR-161YR-R
r2 = 1000 # Load Resistor
v_out = v_in * (r2 / (r1 + r2))
print(f"Precision Output: {v_out:.4f}V")
```
- ⤷
What is the exact power rating (Watts) for the 47LR series?
- ⤷ Can this resistor be used in high-frequency RF applications?
- ⤷ What are the common alternatives to the 47LR series for tighter tolerances?