47LR-1D2W-R
AI

The part number **47LR-1D2W-R** typically refers to a **Metal Oxide Varistor (MOV)** or a high-power surge protector component, often manufactured by companies like **Thinking Electronic** or **Lattron**. It is designed to protect electronic circuits from voltage surges and transients.
### Technical Specifications Breakdown
The alphanumeric code provides specific details about the component's physical and electrical characteristics:
| Code Segment | Description | Typical Interpretation |
| :--- | :--- | :--- |
| **47** | Voltage Code | Represents the Varistor Voltage (often 47V). |
| **LR** | Series/Type | Indicates a Lead-Type, Low Resistance, or specific material series. |
| **1D** | Diameter | Refers to the disc size (e.g., 10mm or 11mm). |
| **2W** | Power/Energy | Indicates energy absorption or a 2-Watt rating. |
| **R** | Tolerance/Packaging | Usually denotes ±10% tolerance or RoHS compliance. |
---
### Key Functions and Features
1. **Overvoltage Protection:** It acts as a "clamping" device. When the voltage exceeds its threshold, its resistance drops sharply, diverting the excess current away from sensitive components.
2. **Fast Response Time:** Designed to react to voltage spikes (like lightning or inductive switching) in nanoseconds.
3. **Bidirectional:** Since it is a varistor, it provides protection for both positive and negative cycles of an AC waveform.
4. **Durability:** Metal oxide construction allows it to handle high peak currents multiple times before degradation.
---
### Typical Applications
These components are found in various power-sensitive environments:
* **Power Supplies:** Protecting the input stage of AC/DC converters.
* **Industrial Equipment:** Guarding PLC inputs and motor controllers.
* **Consumer Electronics:** Used in surge protectors and household appliances to prevent damage from grid fluctuations.
* **Telecommunications:** Protecting line interfaces from induced surges.
---
### Electrical Comparison (Example Table)
| Property | Value (Approximate) |
| :--- | :--- |
| **Varistor Voltage** | 47V DC (at 1mA) |
| **Max Allowable AC Voltage** | ~30V RMS |
| **Max Allowable DC Voltage** | ~38V |
| **Clamping Voltage** | ~77V - 90V |
| **Operating Temperature** | -40°C to +85°C |
---
- ⤷
What is the maximum surge current rating for the 47LR-1D2W-R?
- ⤷ How do I test if this varistor has failed in a circuit?
- ⤷ What are the recommended soldering temperatures for lead-type varistors?