47LT-102B-R
AI

The **47LT-102B-R** is a specific model of an **SMD (Surface Mount Device) Power Inductor**. These components are critical in modern electronics for managing power conversion and filtering electromagnetic interference (EMI).
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by manufacturers (typically associated with brands like **Coilmaster** or similar magnetic component specialists).
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 1.0 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by 'M' or internal code) |
| **DCR (Direct Current Resistance)** | Very Low (mΩ range) |
| **Current Rating (Isat)** | High Saturation Current |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **RoHS Status** | Compliant (indicated by -R) |
---
## 2. Key Features
* **Magnetically Shielded:** The "LT" series usually features a shielded construction. This prevents magnetic flux from escaping, reducing interference with nearby components on a crowded PCB.
* **High Current Handling:** Designed to handle significant current without the core reaching "saturation" (where it loses its inductive properties).
* **Low Profile:** The physical dimensions are optimized for slim devices like smartphones, tablets, and laptops.
* **Reliability:** The `-R` suffix typically denotes **RoHS Compliance**, meaning the part is lead-free and meets environmental safety standards.
---
## 3. Component Functionality
In a circuit, the 47LT-102B-R serves three primary roles:
### A. Energy Storage
In **DC-DC Converters** (Buck or Boost), the inductor stores energy in its magnetic field during the switching cycle and releases it to provide a steady output voltage.
### B. Noise Filtration
It acts as a low-pass filter. It allows DC to pass through while blocking high-frequency noise that could damage sensitive ICs (Integrated Circuits).
### C. Voltage Regulation
It smooths out ripples in current, ensuring that the power delivered to the CPU or GPU is stable and "clean."
---
## 4. Common Applications
* **Computing:** Motherboards, VRMs (Voltage Regulator Modules), and Solid State Drives (SSDs).
* **Mobile Tech:** Battery management systems in smartphones.
* **Automotive:** Infotainment systems and LED lighting drivers.
* **Industrial:** Power supplies for PLC (Programmable Logic Controllers).
- ⤷
What are the physical dimensions of the 47LT series footprint?
- ⤷ How does saturation current affect the choice of this inductor?
- ⤷ What are common alternatives if the 47LT-102B-R is out of stock?