47LT-162B-R/
AI

The **47LT-162B-R** is a specific type of **RJ45 Jack with integrated Magnetics** (often referred to as a "MagJack"). These components are essential in networking hardware to provide physical connection, signal conditioning, and electrical isolation.
---
## 1. Component Overview
The 47LT-162B-R is designed to integrate the physical Ethernet connector with the internal circuitry required to interface with an Ethernet Controller (PHY).
| Feature | Specification |
| :--- | :--- |
| **Component Type** | RJ45 Integrated Magnetics Connector |
| **Configuration** | 1x1 Port (Single Port) |
| **Mounting Type** | Through-Hole (THT), Right Angle |
| **Speed/Protocol** | 10/100 Base-T (Fast Ethernet) |
| **Shielding** | Metal Shielded (EMI protection) |
| **LEDs** | Integrated (Typically Green/Yellow) |
---
## 2. Key Internal Electronic Parts
Unlike a "dumb" phone jack, this part contains several passive electronic elements inside the plastic housing:
### A. Isolation Transformers
* **Purpose:** Provides galvanic isolation (usually up to 1,500Vrms) between the external network cable and the internal PCB.
* **Function:** Protects the sensitive PHY chip from voltage spikes and static electricity.
### B. Common Mode Chokes
* **Purpose:** EMI (Electromagnetic Interference) suppression.
* **Function:** Filters out high-frequency noise that might be picked up by the twisted-pair Ethernet cable, ensuring signal integrity and FCC compliance.
### C. Bob Smith Termination
* **Purpose:** Impedance matching.
* **Function:** Internal resistors and high-voltage capacitors (typically 75Ω resistors and a 1000pF cap) are used to terminate unused wire pairs and the common mode signals to reduce EMI and prevent reflections.
### D. Status LEDs
* **Purpose:** Visual diagnostics.
* **Function:** Low-power Light Emitting Diodes (LEDs) integrated into the front face to indicate "Link" status and "Activity."
---
## 3. Physical & Mechanical Attributes
* **Shielding:** The outer metal shell is connected to the chassis ground via "tabs" or "fingers" to provide a path for discharge and shield against interference.
* **Gold Plating:** The contact pins inside the RJ45 socket are typically plated with 3μ" to 50μ" of gold to prevent corrosion and ensure a low-resistance connection over hundreds of mating cycles.
---
## 4. Typical Applications
This part is commonly found in:
* **Embedded Systems:** Single-board computers (like Raspberry Pi alternatives).
* **Networking Gear:** Switches, routers, and hubs.
* **Industrial PC:** Automation controllers and PLCs.
* **Consumer Electronics:** Smart TVs and set-top boxes.
- ⤷
What is the pinout configuration for the 47LT-162B-R?
- ⤷ Can this part be used for Gigabit (1000 Base-T) Ethernet applications?
- ⤷ What are the typical voltage ratings for the internal isolation transformer?