AI

The part number **47LT-1D0YR-M2/Q** typically refers to a specialized electronic component, often associated with automotive or industrial grade **capacitors** or **protective components** (such as Varistors/MOVs or specialized MLCCs), depending on the specific manufacturer (commonly associated with brands like Panasonic or KEMET in specific series).
Below is a breakdown of the typical electronic characteristics and specifications associated with this type of nomenclature.
---
### 1. Technical Specifications (General Overview)
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Likely a Surge Absorber or Chip Varistor |
| **Operating Temperature** | -40°C to +125°C (Automotive Grade) |
| **Voltage Rating** | Dependent on the "47" prefix (often 47V or related to clamping voltage) |
| **Tolerance** | ±10% to ±20% |
| **Mounting Type** | Surface Mount (SMD) |
| **Packaging** | Tape and Reel (M2/Q suffix often denotes reel size/quantity) |
---
### 2. Breakdown of the Part Number
The alphanumeric string follows a specific coding logic used by manufacturers to define the physical and electrical properties:
* **47L / 47LT**: Usually indicates the series or the nominal voltage rating (e.g., 47 Volts).
* **1D0**: This represents the capacitance or energy rating. In many coding systems, "1D0" translates to a specific multiplier.
* **YR**: Often refers to the physical case size (e.g., 0603, 0805, or 1210) and the temperature coefficient.
* **M2/Q**: These are suffix codes for **Packaging and Quality**.
* **M2**: Usually indicates a specific reel diameter (e.g., 180mm).
* **Q**: Frequently signifies **AEC-Q200** compliance, meaning the part is qualified for automotive use and has high reliability against vibration and thermal shock.
---
### 3. Key Electronic Functions
If this part is utilized as a **Varistor (MOV)** or **Surge Protector**:
1. **Overvoltage Protection**: It protects sensitive downstream integrated circuits (ICs) from voltage spikes and ESD (Electrostatic Discharge).
2. **Bi-directional Clamping**: It can handle transients in both positive and negative directions.
3. **High Inrush Current**: Designed to absorb sudden bursts of energy without failing.
---
### 4. Application Areas
* **Automotive Electronics**: Control units (ECUs), infotainment systems, and sensor protection.
* **Industrial Automation**: Protection for PLC inputs and outputs.
* **Power Supplies**: Filtering transient noise in DC/DC converters.
---
- ⤷
Who is the primary manufacturer for the 47LT series components?
- ⤷ What is the exact clamping voltage for the 1D0YR variant?
- ⤷ Are there specific soldering footprints recommended for the M2/Q package?