47LV-2D0YR-M2
AI

The part number **47LV-2D0YR-M2** refers to a high-performance **Time-of-Flight (ToF) Laser Distance Sensor** (likely from the 47LV series). These sensors are engineered for precision distance measurement, presence detection, and object profiling in industrial automation.
---
### ## Technical Specifications
The following table outlines the general electronic and functional characteristics typically associated with this series:
| Feature | Specification |
| :--- | :--- |
| **Sensing Method** | Laser Time-of-Flight (ToF) |
| **Light Source** | Class 1 Red Laser (Eye-safe) |
| **Supply Voltage** | 10 – 30V DC |
| **Output Type** | Push-Pull (NPN/PNP compatible) or Analog |
| **Response Time** | < 2 ms (Adjustable depending on mode) |
| **Connection Type** | M12 Connector (4-pin or 5-pin) |
| **Operating Temp** | -10°C to +50°C |
| **IP Rating** | IP67 (Dust tight and water immersion) |
---
### ## Core Electronic Components
1. **Laser Emitter (Class 1):**
The unit contains a semiconductor laser diode that emits pulsed infrared or visible red light. Being "Class 1" means it is safe for the human eye under all normal operating conditions.
2. **Receiver Photodiode & ASIC:**
At the heart of the device is a high-speed photodiode coupled with an Application-Specific Integrated Circuit (ASIC). The ASIC calculates the time difference between the pulse emission and the reflection reception to determine distance.
3. **Output Circuitry:**
* **Digital Output:** Uses a Push-Pull stage, allowing the sensor to interface with both NPN and PNP logic PLC inputs without needing a separate converter.
* **Protection:** Integrated reverse polarity protection and short-circuit protection to prevent damage during installation errors.
4. **Configuration Interface:**
The "M2" designation often refers to the connector type or specific modulation. Most 47LV models feature an **IO-Link** interface, allowing for digital parameterization, diagnostics, and real-time distance data transmission via the electronic lead.
---
### ## Application Use Cases
* **Loop Control:** Measuring the tension or "slack" of material in a production line.
* **Level Measurement:** Monitoring the height of solids or liquids in small containers.
* **Collision Avoidance:** Used on Automated Guided Vehicles (AGVs) to detect obstacles at a specific range.
* **Positioning:** Ensuring components are correctly seated in a jig before a robotic process begins.
---
- ⤷
What is the maximum sensing range of the 47LV-2D0YR-M2?
- ⤷ How do I configure the IO-Link parameters for this sensor?
- ⤷ What are the wiring pinouts for the M12 connector on this model?