47LV-331W-R
AI

The **47LV-331W-R** is a specific part number typically associated with **Inductors**, specifically high-performance power inductors used in surface-mount technology (SMT).
Below is a detailed breakdown of the technical specifications, component structure, and typical applications.
---
### 1. Technical Specifications
Based on the standard nomenclature for this series, here are the estimated technical parameters:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 330 µH (Indicated by '331') |
| **Tolerance** | ±10% to ±20% (Series dependent) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Configuration** | Shielded or Unshielded Drum Core |
| **Operating Temp** | -40°C to +125°C |
| **DC Resistance (DCR)** | Relatively low for high efficiency |
### 2. Part Number Breakdown
Understanding the alphanumeric code helps in identifying the physical and electrical characteristics:
* **47LV**: Usually refers to the series name or the physical dimensions (Case size).
* **331**: The Inductance Value.
* The first two digits (**33**) are the significant figures.
* The third digit (**1**) is the multiplier ($10^1$).
* Calculated: $33 \times 10 = 330$ µH.
* **W/R**: These suffixes usually denote the packaging type (e.g., Tape and Reel) or environmental compliance (e.g., RoHS compliant).
---
### 3. Functional Role in Electronics
This component is primarily used for energy storage and signal filtering. Its main functions include:
1. **DC-DC Conversion:** Acting as an energy storage element in buck or boost converters to provide steady output voltage.
2. **Noise Filtering:** Blocking high-frequency alternating current (AC) while allowing direct current (DC) to pass, effectively cleaning power lines.
3. **EMI Suppression:** Reducing electromagnetic interference in sensitive communication circuits.
---
### 4. Typical Applications
* **Consumer Electronics:** Power supplies for LED TVs, laptops, and gaming consoles.
* **Telecommunications:** Base station power modules and networking hardware.
* **Industrial:** DC-DC converters and motor control circuits.
* **Automotive:** Infotainment systems and dashboard electronics (if AEC-Q200 qualified).
---
- ⤷
What are the physical dimensions of the 47LV series housing?
- ⤷ Can this inductor be used in high-frequency switching power supplies?
- ⤷ What is the saturation current rating for a 330 µH inductor of this size?