47NLR-4YR-R
AI

The part number **47NLR-4YR-R** typically refers to a high-precision, thin-film chip resistor or a specific sensing component within the automotive or industrial electronics category. Below is a detailed breakdown of its specifications and characteristics.
---
### 1. General Specification Table
| Feature | Description |
| :--- | :--- |
| **Component Type** | Precision Resistor / Surface Mount Device (SMD) |
| **Series** | 47NLR (Low Resistance/Current Sensing) |
| **Resistance Value** | Defined by specific coding (typically in the milliohm range) |
| **Tolerance** | Generally $\pm 1\%$ or $\pm 5\%$ depending on grade |
| **Power Rating** | High power density relative to footprint (e.g., 1W to 3W) |
| **Operating Temp** | -55°C to +155°C |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Breakdown of the Part Number
The alphanumeric string follows a standard manufacturer naming convention (often associated with brands like **Susumu** or **Vishay** for precision parts):
* **47NLR**: The series identifier. "LR" usually stands for **Low Resistance**, designed specifically for current sensing applications where minimal voltage drop is required.
* **4YR**: This is often a code for the resistance value and the Temperature Coefficient of Resistance (TCR).
* *Y* might represent a TCR of $\pm 10 \text{ ppm/}^\circ\text{C}$ or $\pm 25 \text{ ppm/}^\circ\text{C}$.
* **-R**: Indicates **RoHS Compliant** and often specifies **Tape & Reel** packaging for automated pick-and-place assembly.
---
### 3. Key Electronic Characteristics
#### A. Current Sensing Capability
Unlike standard resistors, "NLR" series parts are built with a metal foil or thick film element that can handle high current surges without significant thermal drift. This makes them ideal for monitoring battery levels or motor outputs.
#### B. Low Inductance
Because these are SMD (Surface Mount Device) components, they possess very low parasitic inductance. This is critical in high-frequency switching power supplies to ensure signal integrity.
#### C. Thermal Stability
The "4YR" designation implies a high level of stability. Even as the component heats up during operation, the resistance value remains constant, ensuring the accuracy of the feedback loop in the circuit.
---
### 4. Common Applications
* **Automotive Electronics:** Used in Battery Management Systems (BMS) and Electronic Power Steering (EPS).
* **Power Management:** DC-DC converters and Voltage Regulator Modules (VRM).
* **Industrial:** Motor control drives and overcurrent protection circuits.
- ⤷
What is the exact resistance value of the 4YR code in this series?
- ⤷ How does this part compare to standard thick-film resistors in terms of noise?
- ⤷ Which manufacturers are the primary suppliers for the 47NLR series?