AI

The part number **47NLR-AW-R** typically refers to a **Neon Indicator Lamp** assembly, often produced by manufacturers like **Visual Communications Company (VCC)** or similar industrial component suppliers. These are used as status indicators in appliances, control panels, and industrial machinery.
---
### 1. Component Specifications
Below are the typical technical characteristics for this specific part series:
| Feature | Specification |
| :--- | :--- |
| **Lamp Type** | Neon |
| **Lens Color** | Amber / Orange (indicated by "A") |
| **Voltage Rating** | 125V AC (Standard for most 47 series) |
| **Termination Style** | Wire Leads (indicated by "W") |
| **Resistor** | Internal (Built-in current limiting resistor) |
| **Mounting Type** | Panel Mount (typically 0.312" or 5/16" hole) |
| **Compliance** | RoHS Compliant (indicated by "-R") |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the physical properties of the component:
* **47**: The series designation (Panel mount indicator).
* **N**: Neon light source (as opposed to LED or Incandescent).
* **L**: High brightness variant (usually).
* **R**: Rectangular or specific housing style (varies by manufacturer catalog).
* **A**: **Amber** lens color.
* **W**: **Wire Leads** (Flexible copper leads for wiring connections).
* **-R**: **RoHS** compliant (Lead-free).
---
### 3. Key Electronic Characteristics
#### Internal Resistor
Neon lamps require a high striking voltage to ionize the gas inside the bulb. Once the gas is ionized, the resistance drops significantly. The **47NLR** series includes a built-in resistor in series with the lamp to prevent the component from drawing excessive current and burning out instantly.
#### Operational Life
* **Longevity:** Neon lamps are known for extreme durability, often rated for **25,000 to 50,000 hours** of continuous use.
* **Power Consumption:** Extremely low, typically drawing less than **2mA** of current.
#### Applications
* **Main Power Indicators:** Used to show if a device is connected to 120V AC power.
* **Industrial Controls:** Status lights on heavy machinery.
* **Kitchen Appliances:** Indicator lights for ovens, coffee makers, and fryers.
---
### 4. Installation Wiring Diagram
Since these are AC components with wire leads, polarity is generally not a concern.
```text
[Line (L)] -------- (Wire Lead 1) [ 47NLR Indicator ] (Wire Lead 2) -------- [Neutral (N)]
```
- ⤷
What is the maximum panel thickness supported by the 47NLR series?
- ⤷ Can this neon indicator be used with 240V AC systems?
- ⤷ What are the physical dimensions of the 47NLR-AW-R lens?