Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 4814M-R2R-503

  • AI
    The **4814M-R2R-503** is a precision electronic component manufactured primarily by **Bourns**. It is a resistor network specifically designed for Digital-to-Analog conversion. --- ### 1. Technical Specifications The part number can be decoded to understand its physical and electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | 4800M | Medium profile Thick Film Surface Mount (Molded) | | **Package Type** | SOM (Small Outline Molded) | Surface mount package with "Gull Wing" leads | | **Pin Count** | 14 Pins | Standard dual-in-line configuration for SMD | | **Circuit Type** | R2R Ladder | Specific configuration for D/A conversion | | **Resistance Value** | 50k $\Omega$ | "503" code: 50 followed by 3 zeros | | **Tolerance** | ±2% (Standard) | Accuracy of the resistance values | --- ### 2. The "R2R" Configuration The most critical aspect of this part is the **R2R Ladder network**. Unlike standard resistor arrays where all resistors are isolated or share a common bus, an R2R ladder uses only two resistance values ($R$ and $2R$). **How it works:** * It acts as a binary-weighted voltage divider. * By applying high (1) or low (0) signals to the input pins, the output produces a voltage proportional to the binary value. * **Advantage:** It requires only two precision resistance values, ensuring better temperature tracking and linearity compared to using many different resistor values. --- ### 3. Applications The 4814M-R2R-503 is typically found in circuits requiring the translation of digital data into analog signals: 1. **Digital-to-Analog Converters (DAC):** Simple, low-cost conversion for audio or control signals. 2. **Variable Voltage References:** Creating adjustable set-points for analog controllers. 3. **Gain Control:** Used in digitally controlled amplifiers. 4. **Signal Conditioning:** Precision attenuation of digital signals. --- ### 4. Physical Dimensions & Layout * **Mounting:** Surface Mount Technology (SMT). * **Body Style:** Molded plastic, providing protection against moisture and mechanical stress. * **Pin Pitch:** Typically 1.27mm (0.050 inches), compatible with standard industrial footprints.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an R2R ladder and a bused resistor network?
    • ⤷ How do I calculate the output voltage of this R2R network based on digital input?
    • ⤷ Are there through-hole equivalents for the 4814M-R2R-503?