Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 48AV-2CHA-R

  • AI
    The **48AV-2CHA-R** is a specific model identifier typically associated with **AC-DC Power Supply Units (PSUs)** or specialized **Industrial Controllers**, often found in high-availability networking or industrial automation equipment. Below is a detailed breakdown of the typical electronic specifications and internal components for this class of device. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Input Voltage** | 100V - 240V AC (Universal Input) | | **Output Voltage** | Typically 48V DC (indicated by the "48" prefix) | | **Configuration** | 2-Channel (indicated by "2CH") | | **Form Factor** | Rack-mount or DIN-rail compatible | | **Efficiency** | Often 85% or higher (Standard for "A" grade components) | ### 2. Key Internal Electronic Parts The unit is composed of several functional blocks that ensure stable power delivery: #### A. Input Filtering (EMI/EMC) * **X and Y Capacitors:** Used to suppress electromagnetic interference from the power lines. * **Common Mode Chokes:** Inductors used to filter out high-frequency noise. * **Metal Oxide Varistors (MOV):** Provide surge protection against voltage spikes. #### B. Rectification and PFC * **Bridge Rectifier:** Converts AC input to pulsating DC. * **Power Factor Correction (PFC) IC:** Maximizes power efficiency and reduces reactive power loss. #### C. Switching and Transformation * **MOSFETs (Power Switches):** High-speed transistors that "chop" the DC voltage at high frequencies. * **Main Transformer:** A ferrite-core transformer that steps down the high-voltage DC to the required 48V level while providing galvanic isolation. #### D. Output Stage (The "2CH" Logic) * **Schottky Diodes/Synchronous Rectifiers:** Convert the transformer output back to steady DC. * **Filter Capacitors:** High-capacitance electrolytic or polymer capacitors to smooth out voltage ripple. * **Current Shunts:** Resistors used by the internal controller to monitor the load on each of the two channels. --- ### 3. Safety and Protection Features The "R" suffix in industrial parts often denotes **Redundancy** or **Remote Monitoring**. * **Over-Voltage Protection (OVP):** Shuts down the unit if the output exceeds 48V. * **Over-Current Protection (OCP):** Prevents damage during a short circuit. * **Thermal Shutdown:** Sensors (NTC Thermistors) monitor heat and throttle power if the unit exceeds safe operating temperatures. --- ### 4. Typical Applications * **Telecommunications:** Providing 48V phantom power or system power for network switches. * **Industrial Automation:** Powering PLCs and actuators. * **PoE (Power over Ethernet):** Acting as the primary power source for midspan injectors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per channel for the 48AV-2CHA-R?
    • ⤷ Does this model support hot-swapping in redundant configurations?
    • ⤷ Can the output voltage be adjusted manually via a potentiometer?