48AV-2YHH-R
AI

The part number **48AV-2YHH-R** typically refers to a specialized high-performance **DC Axial Fan**, often manufactured by companies like **Sanyo Denki** (San Ace series). These fans are engineered for high-density cooling in servers, telecommunications, and industrial power supplies.
---
## Technical Specifications & Features
The following table breaks down the core technical characteristics of this electronic component:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | DC Axial Cooling Fan |
| **Nominal Voltage** | 48V DC |
| **Operating Voltage Range** | 36V to 72V DC |
| **Dimensions** | 40mm x 40mm x 28mm (Typical "4028" size) |
| **Bearing Type** | Dual Ball Bearing |
| **Termination** | Lead Wires (usually 4-wire for PWM) |
| **Control Signal** | PWM (Pulse Width Modulation) speed control |
| **Sensor Output** | Tachometer (Speed Sensor / FG Signal) |
---
## Breakdown of Part Number Elements
While specific manufacturer coding can vary slightly, the nomenclature usually follows this logic:
### 1. Voltage (48)
Indicates a **48V DC** input. This is standard for telecommunications equipment and large-scale data center racks where higher voltage is preferred to reduce current draw and wire thickness.
### 2. Series / Frame Size (AV)
Refers to the high-static pressure or high-airflow series. The "V" often denotes a "Very High Speed" or specific blade geometry designed to push air through restricted spaces (like finned heatsinks).
### 3. Control & Feedback (2YHH)
* **PWM Control:** Allows the system motherboard or controller to dynamically adjust the fan speed based on temperature.
* **Tachometer Output:** Sends a square-wave signal back to the system to monitor RPM and detect if the fan has stalled.
* **HH Rating:** Usually signifies "High-High" or "Ultra-High" speed rating, often exceeding 15,000+ RPM.
---
## Electronic Protection Features
Most fans in this category include integrated circuitry to protect the motor and the host system:
* **Locked Rotor Protection:** Automatically cuts or reduces power if the blades are physically obstructed to prevent the coils from burning out.
* **Reverse Polarity Protection:** Prevents damage if the positive and negative leads are accidentally swapped.
* **Soft Start:** Gradually ramps up the motor speed to prevent sudden current spikes on the power rail.
---
## Typical Applications
* **1U/2U Servers:** Due to the 40mm height, these are perfect for slim rackmount chassis.
* **Network Switches:** High-density cooling for high-speed processors.
* **Industrial Inverters:** Cooling power electronics in 48V environments.
- ⤷
What are the pinout configurations for the 4-wire PWM interface on this fan?
- ⤷ What is the maximum CFM (airflow) and static pressure for the 48AV series?
- ⤷ How do I calculate the power consumption based on the 48V rating?