48DV-0CV4-R
AI

The part number **48DV-0CV4-R** typically refers to a high-density, small-form-factor connector component, often associated with **high-speed data transmission** or **LCD/display interfaces**.
Below is a detailed breakdown of its characteristics and technical specifications.
---
## 1. Component Overview
This component is generally categorized as a **Fine-Pitch Board-to-Board Connector** or a **FPC (Flexible Printed Circuit) Connector**. It is designed for compact electronic devices where space is a premium.
### Key Specifications
| Feature | Typical Specification |
| :--- | :--- |
| **Connector Type** | Board-to-Board / High-Speed Plug/Socket |
| **Pitch** | 0.4mm or 0.5mm (Ultra-fine) |
| **Mounting Type** | Surface Mount (SMT) |
| **Orientation** | Vertical or Right Angle |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
## 2. Technical Features
Electronic parts in this series (the **48DV** family) are engineered for modern mobile and wearable technology.
* **Shielding:** Integrated EMI/RFI shielding to prevent signal interference in high-frequency applications.
* **Mating Mechanism:** Features a "click" feel (tactile feedback) to ensure secure connection and prevent accidental disconnection.
* **Low Profile:** Extremely low stack heights (often < 1.0mm) to allow for thin device profiles.
* **High Pin Count:** Supports high-density signal paths within a small footprint.
---
## 3. Applications
These connectors are commonly found in the internal circuitry of the following devices:
1. **Smartphones:** Connecting the main PCB to the display or camera module.
2. **Tablets/Laptops:** High-speed data links for LCD panels.
3. **Wearables:** Compact connections for sensors and battery management systems.
4. **Medical Imaging:** Miniaturized ultrasound or camera probes.
---
## 4. Part Number Decoding (General)
While specific to the manufacturer (often associated with brands like **JAE** or **I-PEX**), the suffixing usually follows this logic:
```markdown
48DV - 0C V4 - R
^ ^ ^ ^
Series Pin Config | RoHS Compliant
Code & Type |
Version/High-Speed Rating
```
---
- ⤷What is the maximum data transfer rate for the 48DV series?
- ⤷ Who is the primary manufacturer of the 48DV-0CV4-R?
- ⤷ What are the soldering requirements for this SMT connector?