48DV-0CV6-R
AI

The part number **48DV-0CV6-R** corresponds to a high-performance **VGA (D-Sub 15) connector**, typically used in industrial computing, embedded systems, and server hardware. This specific component is manufactured by **Auden** (or licensed partners) and is designed for high-density electrical performance.
---
### 1. Component Overview
The 48DV-0CV6-R is a D-Subminiature connector. In the electronics industry, "VGA" connectors are the standard for analog video signal transmission. This specific model is a **Vertical, Female (Socket)** connector intended for **Through-Hole** mounting on a Printed Circuit Board (PCB).
### 2. Technical Specifications
Below are the primary technical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | D-Subminiature (VGA) |
| **Number of Positions** | 15-Pin (High Density) |
| **Gender** | Female (Socket) |
| **Orientation** | Vertical (Straight) 180° |
| **Mounting Type** | Through-Hole (Solder) |
| **Pitch** | 2.29mm (between rows) |
| **Contact Plating** | Gold (Flash or selective) |
| **Shell Material** | Steel (Nickel or Tin plated) |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
### 3. Key Features
* **High Density (HD15):** Unlike standard 2-row D-Sub connectors, this features 3 rows of pins to fit 15 pins into the physical space of a 9-pin connector.
* **Board-Lock Mechanism:** Often includes metal "harpoons" or board-locks to provide mechanical stability during the soldering process and to resist cable-pull stress.
* **Durability:** Designed for high mating cycles, commonly used in testing equipment and industrial interfaces.
### 4. Typical Applications
1. **Industrial PCs:** Used for video output on rack-mounted servers or embedded controllers.
2. **Display Interfaces:** Found on monitors and legacy projectors.
3. **Communication Equipment:** Sometimes used for custom RS-232/422/485 serial communication where more than 9 pins are required.
4. **Medical Devices:** Reliable interface for legacy imaging equipment.
---
### 5. Part Number Breakdown (Generic)
While manufacturers have unique codes, the breakdown for this series generally follows:
* **48:** Series code for VGA/D-Sub components.
* **DV:** Denotes "D-Sub Vertical."
* **0CV6:** Specific internal configuration (housing height, pin length, and insulator color).
* **-R:** Standard industry suffix for **RoHS Compliant** (lead-free).
- ⤷
What are the recommended PCB hole diameters for the 48DV-0CV6-R pins?
- ⤷ Is there a right-angle (90-degree) alternative to this vertical connector?
- ⤷ What is the rated voltage and current for these specific pins?