48DV-0RV3-R
AI

The part number **48DV-0RV3-R** is a specific technical component typically associated with **power relays** or **automotive-grade control modules**, often manufactured by companies like **OMRON** or similar specialized electronics firms.
Below is the technical breakdown of the characteristics associated with this part series.
---
### 1. Technical Specifications
This component is generally a high-performance relay designed for specific industrial or automotive applications.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Electromechanical Relay / Control Unit |
| **Operating Voltage** | 48V DC (Standard for the 48DV prefix) |
| **Contact Configuration** | SPST (Single Pole Single Throw) or SPDT |
| **Mounting Type** | Through-hole (PCB) or Plug-in |
| **Termination Style** | Solder Pin / Quick Connect |
| **Compliance** | RoHS Compliant (Indicated by the "-R" suffix) |
### 2. Part Number Breakdown
While exact internal manufacturer codes can vary, the nomenclature typically follows this logic:
* **48**: Represents the **Rated Voltage** (48 Volts).
* **DV**: Refers to the **Series or Housing type** (often indicating a sealed or dust-proof design).
* **0RV3**: The **Internal Construction code**, specifying contact material (e.g., Silver Tin Oxide) and coil sensitivity.
* **-R**: Stands for **RoHS Compliant**, meaning the part is free from lead and other restricted hazardous substances.
### 3. Key Applications
Parts in this category are utilized where high-voltage switching is required within a compact footprint:
1. **Telecommunications**: Power distribution units requiring 48V switching.
2. **Electric Vehicles (EV)**: Battery management systems or onboard charging units.
3. **Industrial Automation**: Controlling heavy-duty actuators or motors from a PLC signal.
4. **Renewable Energy**: Inverters and solar power array controllers.
### 4. Safety and Handling
When working with the 48DV-0RV3-R, keep the following in mind:
* **Coil Polarity**: If the unit includes an internal diode for surge suppression, ensure the polarity of the 48V input is correct to avoid damaging the component.
* **Heat Dissipation**: In high-current applications, ensure the PCB traces are wide enough to handle the load switched by the contacts.
* **Environmental Sealing**: The "DV" designation usually implies a level of protection against environmental contaminants, but check the specific IP rating if using in high-moisture areas.
---
- ⤷
What is the maximum switching current for the 48DV-0RV3-R?
- ⤷ Are there equivalent drop-in replacements from other manufacturers like TE Connectivity or Panasonic?
- ⤷ Does this specific model include a built-in suppression diode?