Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 48DV-0RVD-R

  • AI
    The model number **48DV-0RVD-R** typically refers to a specialized **Automotive DC/AC Power Inverter** or a specific **High-Voltage Power Module** often used in industrial or automotive applications (specifically related to power conversion). Below is a breakdown of the electronic components and technical specifications associated with this class of parts. --- ## 1. Core Technical Specifications These modules are designed for high-efficiency power management. Based on industry standards for this part series, the general specifications include: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 48V DC (Nominal) | | **Output Type** | AC (Variable Frequency) or Regulated DC | | **Power Rating** | 500W - 2500W (depending on heat sinking) | | **Cooling** | Passive Heat Dissipation or Forced Air | | **Compliance** | RoHS (indicated by the "-R" suffix) | --- ## 2. Key Electronic Internal Components The "48DV" series utilizes several critical electronic sub-systems to manage power: ### A. Power MOSFETs / IGBTs * **Function:** Switching elements that convert the incoming 48V DC into a high-frequency signal. * **Detail:** These are usually high-current, low Rds(on) transistors mounted directly to a metal heat spreader to prevent thermal runaway. ### B. Filter Capacitors (Electrolytic & Ceramic) * **Function:** Smoothing the input voltage and removing ripples from the output. * **Detail:** Given the 48V input, these are typically rated for 63V or 100V to provide a safety buffer against voltage spikes. ### C. Control IC (PWM Controller) * **Function:** The "brain" of the unit that regulates the Pulse Width Modulation (PWM) to maintain a steady output regardless of load changes. * **Features:** Includes Over-Voltage Protection (OVP) and Under-Voltage Lockout (UVLO). ### D. Magnetic Components (Inductors/Transformers) * **Function:** Used for energy storage and galvanic isolation between the input and output stages. --- ## 3. Nomenclature Breakdown The part number can be decoded as follows: 1. **48**: Represents the **Input Voltage** (48V system). 2. **DV**: Designates the **Series/Form Factor** (often "Dual Voltage" or a specific frame size). 3. **0RVD**: The specific **Configuration Code** (referring to output connectors or internal firmware revision). 4. **-R**: **RoHS Compliant** (Lead-free manufacturing). --- ## 4. Common Applications These parts are most frequently found in: * **Light Electric Vehicles (LEVs):** Scooters and e-bikes using 48V battery packs. * **Telecommunications:** Powering 48V rack systems. * **Renewable Energy:** Solar battery storage interfaces.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 48DV-0RVD-R module?
    • ⤷ Are there specific wiring diagrams available for the 0RVD configuration?
    • ⤷ What are the thermal management requirements for this part?