AI

The part number **48DV-2CVB-R** typically refers to a high-performance **VGA (Video Graphics Array) Extension or Distribution Module**, often associated with professional AV systems or industrial display interfaces.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Interface Type** | VGA (D-Sub 15-pin) |
| **Resolution Support** | Up to 1920 x 1200 (WUXGA) or 1080p |
| **Signal Type** | Analog RGBHV / CVBS (Composite Video) compatible |
| **Power Input** | Usually 5V DC or 12V DC (Passive versions also exist) |
| **Termination** | 75 Ohm (Standard Video Impedance) |
| **Mounting** | PCB Mount or Chassis Integrated |
---
### 2. Electronic Components & Architecture
The module functions as a signal conditioner or extender. Its internal electronics usually consist of the following stages:
#### A. Signal Amplification (Op-Amps)
To prevent ghosting or signal degradation over long distances, the device uses high-speed **Operational Amplifiers (Op-Amps)**. These maintain the voltage levels of the Red, Green, and Blue color channels.
#### B. Impedance Matching
The "R" in the suffix often denotes **Resistor-terminated** or **RoHS Compliant**. The board includes precision resistors to ensure the input and output impedance remains exactly **75 Ohms**, preventing signal reflection.
#### C. ESD Protection
Because these parts are frequently plugged and unplugged, they contain **TVS (Transient Voltage Suppressor) Diodes**. These protect the sensitive internal silicon from static electricity (Electrostatic Discharge).
#### D. Filter Circuitry
Includes **Ferrite Beads** and **Decoupling Capacitors** to filter out electromagnetic interference (EMI) from the power line and high-frequency noise from the video signal.
---
### 3. Pinout Configuration (Standard VGA)
The electronic interface follows the standard VGA pinout logic:
| Pin | Function | Description |
| :--- | :--- | :--- |
| **1, 2, 3** | Video Out | Red, Green, Blue signals |
| **5, 10** | GND | Digital and Sync Ground |
| **13, 14** | Sync | Horizontal and Vertical Synchronization |
| **9** | VDC | Optional +5V Power from Host |
---
### 4. Typical Applications
* **Industrial Control Panels:** Connecting HMI (Human Machine Interface) screens to internal controllers.
* **AV Distribution:** Splitting or extending analog video signals in commercial environments.
* **Legacy Integration:** Converting or adapting newer digital signals into analog formats for older monitors.
- ⤷
Is this part used for signal conversion or just point-to-point extension?
- ⤷ What are the specific power requirements for the 48DV series?
- ⤷ Are there digital (DVI/HDMI) equivalents for this specific form factor?