48DV-2RV4-R
AI

The part number **48DV-2RV4-R** typically refers to a high-density, small-form-factor connector assembly, often associated with high-performance networking or industrial interface standards (such as VHDCI or high-density D-sub variations).
---
### Technical Specifications Overview
Based on the standard nomenclature for this component class, here are the primary technical characteristics:
| Attribute | Specification |
| :--- | :--- |
| **Component Type** | High-Density Interface Connector |
| **Orientation** | Right-Angle (RA) |
| **Mounting Type** | Through-hole / PCB Mount |
| **Contact Plating** | Gold (typically 15µ" or 30µ") |
| **Lead-Free Status** | RoHS Compliant (indicated by the "-R" suffix) |
| **Shielding** | Fully Shielded for EMI/RFI protection |
---
### Detailed Component Analysis
#### 1. Mechanical Design
The **"2RV4"** portion of the code usually signifies the physical configuration.
* **Right-Angle Design:** The connector is designed to sit at a 90-degree angle to the Printed Circuit Board (PCB). This is ideal for rear-panel I/O interfaces where cables connect horizontally to a vertical board.
* **Mounting Posts:** It often includes board locks or threaded inserts to ensure mechanical stability when cables are plugged or unplugged.
#### 2. Electrical Performance
* **Signal Integrity:** These connectors are engineered for high-speed data transmission with minimal crosstalk.
* **Current Rating:** Typically rated for 0.5A to 1.0A per contact, depending on the specific pin density.
* **Voltage Rating:** Generally around 125V AC/DC.
#### 3. Material Composition
* **Housing:** High-temperature thermoplastic (UL 94V-0 rated) capable of withstanding wave soldering processes.
* **Contacts:** Phosphor Bronze or Copper Alloy for high conductivity and durability.
* **Shell:** Steel or Nickel-plated brass for structural integrity and grounding.
---
### Typical Applications
These connectors are commonly found in the following environments:
1. **Telecommunications:** High-density line cards and switches.
2. **Industrial Automation:** Interface modules for PLC (Programmable Logic Controllers).
3. **Medical Equipment:** High-resolution imaging data transmission.
4. **Data Storage:** RAID controllers and external storage arrays (e.g., SCSI-style interfaces).
### Pinout/Footprint Example
*The following is a generic representation of the footprint logic for a 48-pin high-density connector.*
```text
[ Shield Frame ]
Row A: . . . . . . (Pins 1-24)
Row B: . . . . . . (Pins 25-48)
------------------
[ PCB Surface ]
```
- ⤷
What is the exact pitch spacing between the pins for this connector?
- ⤷ Is this connector compatible with standard VHDCI cables?
- ⤷ What are the recommended soldering temperature profiles for the -R RoHS version?