Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 48DV-2RVA-R

  • AI
    The **48DV-2RVA-R** is a specific model of a **Miniature Intermediate Power Relay**, typically manufactured by companies like **Fujitsu** (specifically the FTR-K1 series derivative) or similar electromechanical component specialists. These relays are designed for high-density mounting on Printed Circuit Boards (PCBs). ### Technical Specifications Overview Below are the primary electronic characteristics associated with this component: | Feature | Specification | | :--- | :--- | | **Component Type** | Electromechanical Relay | | **Coil Voltage** | 48V DC (Standard) | | **Contact Configuration** | 2 Form A (DPST-NO: Double Pole Single Throw, Normally Open) | | **Current Rating** | Typically 5A to 10A (Depending on load type) | | **Mounting Type** | Through-Hole (PCB Mount) | | **Termination** | Solder Pins | | **Enclosure** | Plastic Sealed (Flux proof or Washable) | --- ### Key Electronic Components & Internal Mechanics 1. **The Coil (48V DC):** The "48" in the prefix denotes the nominal operating voltage. This coil requires a 48V direct current to create the magnetic field necessary to pull the armature. It is designed for low power consumption to prevent overheating on the PCB. 2. **The Contacts (2RVA):** * **2:** Indicates two independent poles (circuits). * **RV:** Often signifies a specific contact material (like Silver Tin Oxide `AgSnO2`) optimized for high inrush currents or specialized resistive loads. * **A:** Stands for "Form A," meaning the contacts are "Normally Open." The circuit is only closed when the coil is energized. 3. **The Return Spring:** A mechanical spring that forces the contacts back to the open position once power is removed from the coil. 4. **Insulation Barrier:** High-grade plastic housing that provides galvanic isolation between the low-voltage control side (coil) and the high-voltage switching side (contacts). --- ### Applications These relays are commonly found in: * **Industrial Controls:** Switching motors, valves, or heaters. * **Power Supplies:** Used as a soft-start or safety disconnect. * **HVAC Systems:** Controlling fans or compressors. * **Office Automation:** Used in copiers and printers for power management. --- ### Safety and Design Considerations * **Flyback Diode:** When designing a circuit for this relay, always place a diode (e.g., 1N4007) in parallel with the coil (pointing toward the positive rail) to protect your driver transistors from voltage spikes when the relay turns off. * **Creepage/Clearance:** Ensure the PCB layout maintains enough distance between the 48V coil traces and the high-voltage contact traces to prevent electrical arcing.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage supported by the 48DV-2RVA-R?
    • ⤷ Can this relay be used with an AC coil power source?
    • ⤷ What are the physical dimensions and pinout for this specific model?