48DV-2YVE-R
AI

The **48DV-2YVE-R** refers to a specific type of high-density, multi-core fiber optic distribution component, typically used in telecommunications and data center environments. Below is a breakdown of its technical characteristics and functions.
---
## 1. Technical Overview
This part is generally categorized as a **Fiber Optic Plug-and-Play (PnP) Module** or a high-density distribution cassette. It acts as the interface between high-capacity backbone cabling and individual equipment connections.
| Feature | Description |
| :--- | :--- |
| **Connector Type (Front)** | LC Duplex (Standard for high-density networking) |
| **Connector Type (Rear)** | MPO/MTP (Used for trunk cable aggregation) |
| **Fiber Count** | Typically 48 Fibers (distributed via 24 LC Duplex ports) |
| **Mode** | Singlemode (OS2) or Multimode (OM3/OM4) depending on sub-variant |
| **Housing** | Metal or high-impact plastic (Rack-mountable) |
---
## 2. Key Internal Components
While it is a passive electronic/optical part, its internal construction is critical for signal integrity:
### A. MPO/MTP Adapters
The rear of the module contains MPO adapters. These allow a single cable to carry 12 or 24 fibers simultaneously, reducing cable clutter in server racks.
### B. Internal Fan-out Assembly
Inside the 48DV-2YVE-R, a "fan-out" or "breakout" assembly transitions the ribbon fiber from the MPO connector into individual fiber strands that lead to the LC ports on the front.
### C. LC Duplex Adapters
The front interface uses LC connectors, which are small form-factor connectors. These are used to "patch" the signal to switches, routers, or servers.
---
## 3. Applications
The 48DV-2YVE-R is primarily used in:
* **Data Centers:** For 10G, 40G, and 100G Ethernet deployments.
* **Telecommunication Rooms:** To organize massive amounts of fiber optic terminations in a small space.
* **Enterprise Networks:** To simplify the "Main Distribution Area" (MDA) cabling.
---
## 4. Advantages of this Part
1. **High Density:** Allows for 48 fibers in a very narrow footprint (usually 1U or fractional rack units).
2. **Polarity Management:** Ensures that the transmit (Tx) fiber on one end matches the receive (Rx) fiber on the other.
3. **Speed of Deployment:** Plug-and-play design removes the need for field splicing or manual fiber termination.
---
- ⤷
What is the difference between Singlemode and Multimode versions of this module?
- ⤷ How does polarity management work in MPO-to-LC cassettes?
- ⤷ What are the compatible rack-mount chassis for the 48DV series?