48DV-4GVH-R
AI

The part number **48DV-4GVH-R** refers to a high-density, specialized connectivity component, typically associated with **VHDCI (Very High Density Cable Interconnect)** technology or specific server-grade hardware interfaces.
Below is a breakdown of the electronic characteristics and specifications associated with this type of part.
---
### 1. General Specifications
This part is generally categorized as a high-speed, high-density connector used in telecommunications, server storage (SCSI/SAS), and advanced video output systems.
| Feature | Description |
| :--- | :--- |
| **Component Type** | VHDCI Connector / Interface Module |
| **Pin Configuration** | Typically 48 to 68 positions (depending on series) |
| **Orientation** | Right-Angle or Vertical (Model specific) |
| **Mounting Type** | Through-Hole or Surface Mount (SMT) |
| **Shielding** | Fully Shielded for EMI/RFI protection |
---
### 2. Key Electronic Features
* **High-Density Interconnect:** Designed to minimize PCB footprint while maximizing the number of signal paths.
* **Impedance Control:** Optimized for high-speed data transfer (often used in Ultra-SCSI or specialized digital video interfaces like DVI/VGA expansions).
* **Durability:** Gold-plated contacts to ensure low contact resistance and prevent oxidation over long periods of use.
* **Mechanical Stability:** Often includes "Board Locks" or screw-thread inserts to ensure the cable remains securely attached during vibration.
---
### 3. Common Applications
Components with this designation are frequently found in the following hardware:
1. **RAID Controllers:** Used to connect external disk arrays to a server.
2. **Multi-Monitor Graphics Cards:** Found on professional-grade cards (like Matrox or NVIDIA NVS series) to output multiple video signals from a single bracket.
3. **Data Acquisition (DAQ):** Used in industrial computing to interface sensors with high-speed processing units.
---
### 4. Technical Drawing Reference (General)
```cpp
// Typical Pinout logic for VHDCI/48DV series
Pin 1-12: Signal Pair (Positive/Negative)
Pin 13-24: Ground Plane / Shielding
Pin 25-48: Secondary Data Channels / Power Rail
```
---
- ⤷
What is the maximum data transfer rate supported by the 48DV series?
- ⤷ Is this part RoHS compliant?
- ⤷ What are the specific mounting dimensions for the 48DV-4GVH-R?