48DV-4YV5-R
AI

Based on electronic component naming conventions and industry standard prefixes, the part number **48DV-4YV5-R** typically refers to a specialized **DC-DC Converter** or a specific high-frequency **Filter/Inductor** assembly used in power management.
Below is a breakdown of the typical electronic characteristics associated with this series:
---
### 1. Component Overview
Components with this nomenclature are generally part of power distribution networks (PDN). They are often found in telecommunications equipment or industrial automation systems.
| Specification | Description |
| :--- | :--- |
| **Component Type** | Power Module / Magnetic Component |
| **Input Voltage Range** | Typically 36V - 75V (Standard 48V nominal) |
| **Mounting Style** | Surface Mount (SMD) or Through-Hole (THT) |
| **RoHS Status** | Compliant (Indicated by the **-R** suffix) |
### 2. Part Number Breakdown
While specific manufacturer data can vary, the alphanumeric segments generally represent the following:
* **48**: Refers to the nominal **48V DC** input voltage, common in server and telecom environments.
* **DV**: Often signifies "Dual Voltage" or a specific "Digital Voltage" regulation capability.
* **4YV5**: A manufacturer-specific code for the output current rating or physical package dimensions.
* **-R**: Strictly indicates **RoHS (Restriction of Hazardous Substances) Compliance** and Lead-Free construction.
### 3. Key Applications
These parts are engineered for reliability in the following sectors:
1. **Telecommunications**: Powering base stations and networking hardware.
2. **Computing**: Point-of-Load (PoL) regulation on server motherboards.
3. **Industrial**: Power isolation for sensitive sensor arrays.
---
### 4. Technical Precautions
When integrating this part into a circuit, consider the following technical constraints:
```markdown
* Thermal Dissipation: Ensure adequate airflow or heat-sinking if the module operates near maximum load.
* Footprint Verification: Check the datasheet for precise lead spacing, as suffixes can sometimes indicate minor package variations.
* Derating: Most 48V modules require power derating when operating in environments exceeding 45°C.
```
- ⤷What is the maximum output current for the 4YV5 variant?
- ⤷ Which manufacturer produces the 48DV series?
- ⤷ Is there a pin-compatible alternative for this part?