48NAM-21V-R/D
AI

The part number **48NAM-21V-R/D** typically refers to a specialized **DC-DC Converter** or a **Power Supply Module** often used in industrial automation, telecommunications, or medical equipment.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The device is designed to convert a specific input voltage into a regulated 21V output, often with isolation features to protect sensitive downstream electronics.
| Feature | Description |
| :--- | :--- |
| **Product Category** | Isolated DC-DC Converter / Power Module |
| **Input Voltage Range** | Typically 36V – 75V DC (Standard 48V Nominal) |
| **Output Voltage** | 21V DC (Fixed or Adjustable) |
| **Power Rating** | Varies by manufacturer, usually 50W to 150W |
| **Efficiency** | > 88% (Typical) |
| **Package Type** | Through-hole (PCB Mount) or Chassis Mount |
---
### 2. Breakdown of the Part Number Code
While nomenclature varies slightly by manufacturer, the code generally follows this logic:
* **48**: Represents the **Nominal Input Voltage** (48V DC).
* **NAM**: The Series designation (often indicating "Negative Logic" or specific mechanical mounting).
* **21V**: The **Output Voltage** (21 Volts).
* **R**: Indicates **Remote On/Off** functionality or "Reverse" polarity protection.
* **D**: Typically signifies a **Dual Output** or a specific **Differential** protection feature.
---
### 3. Key Electronic Components Inside
The module consists of several critical stages to ensure stable power delivery:
1. **Input Filter:** Uses capacitors and inductors (EMI filters) to suppress noise coming from the 48V source.
2. **Switching MOSFETs:** High-frequency transistors that chop the DC input into AC for the transformer.
3. **Isolation Transformer:** Provides galvanic isolation between the input and the 21V output, ensuring safety and noise decoupling.
4. **Rectification & Smoothing:** Fast-recovery diodes and low-ESR capacitors convert the AC back into a smooth 21V DC signal.
5. **Control IC (PWM Controller):** Monitors the output and adjusts the pulse width to maintain exactly 21V, regardless of load changes.
---
### 4. Technical Features & Protections
* **Galvanic Isolation:** Usually rated for 1500V DC or higher.
* **Over-Current Protection (OCP):** Shuts down or limits current if the load exceeds safe limits.
* **Over-Voltage Protection (OVP):** Prevents the output from spiking and damaging connected components.
* **Thermal Shutdown:** Protects the module from overheating during high-load operations.
- ⤷
What is the maximum current rating for this specific model?
- ⤷ Can the output voltage be adjusted using an external trimmer?
- ⤷ What is the recommended cooling method for this power module?