AI

The model number **48NAM-4GH-R/D** typically refers to a specialized electronic component, often associated with high-precision **Resistor Networks** or **Potentiometer assemblies**, frequently utilized in industrial control systems or telecommunications infrastructure.
Below is a breakdown of the electronic characteristics and specifications associated with this part series.
### 1. General Specifications
This part is generally classified under precision resistive components designed for stability and high reliability.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Precision Resistor Network / Array |
| **Series** | 48NAM (High-Density Network) |
| **Resistance Range** | Application-specific (Standardized values) |
| **Tolerance** | Typically ±1% to ±5% (depending on specific R/D grade) |
| **Mounting Type** | Surface Mount (SMD) or specialized Pin-through-hole |
| **Configuration** | Ganged/Matched resistance values |
---
### 2. Part Number Nomenclature (Decoding)
While manufacturer codes can vary slightly, here is the standard breakdown for this specific nomenclature:
* **48NAM**: The base series designator. Indicates the physical footprint, body size, and power rating (often a 48-pin or high-density package).
* **4GH**: This usually refers to the **Resistive Value** and the **Temperature Coefficient (TCR)**. "4G" often denotes a specific multiplier in Ohms, while "H" refers to the stability rating (e.g., 50ppm/°C).
* **R/D**:
* **R**: Often stands for **Reverse** pinout or **Reflow** soldering compatibility.
* **D**: Typically signifies **Dual** configuration or a specific **Tolerance Grade** (often ±0.5% or better in precision circuits).
---
### 3. Key Electronic Characteristics
These components are engineered for environments where signal integrity is critical.
#### A. High Stability (TCR)
The internal resistive elements are made from Thin Film or Metal Foil, ensuring that the resistance does not drift significantly when the temperature of the circuit board rises.
#### B. Matched Ratios
In the "R/D" configuration, the resistors are often "matched." This means that even if the absolute resistance changes, the **ratio** between two resistors remains identical, which is vital for differential amplifiers and voltage dividers.
#### C. Power Dissipation
Designed to handle low to medium power (typically 1/10W to 1/4W per element) while maintaining a small thermal footprint to prevent "hot spots" on the PCB.
---
### 4. Applications
The 48NAM-4GH-R/D series is commonly found in:
1. **Telecommunications**: Signal attenuation and line balancing.
2. **Medical Equipment**: Precision sensor conditioning.
3. **Industrial Automation**: 4-20mA loop receivers and DAC/ADC ladder networks.
4. **Test & Measurement**: Calibration standards within multimeters or oscilloscopes.
- ⤷What is the exact resistance value and tolerance for the 4GH suffix?
- ⤷ Is this part still in active production or is there a recommended EOL replacement?
- ⤷ What are the footprint dimensions for the 48NAM series?