48NAT-2BV3-R
AI

The **48NAT-2BV3-R** is a specific part number typically associated with **rotary encoders** or specialized **electromechanical switches**, often found in industrial automation, medical equipment, or high-end consumer electronics.
Below is a technical breakdown of its primary electronic and mechanical characteristics.
---
### 1. Technical Specifications
This component is designed for precise input control or sensing. The specific alphanumeric code usually breaks down into the following parameters:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Incremental Rotary Encoder / Switch |
| **Resolution** | Usually 12 to 24 pulses per rotation (PPR) |
| **Mounting Type** | Through-hole (PCB) or Panel Mount |
| **Switch Feature** | Integrated Push-Momentary Switch (Standard) |
| **Detent** | Mechanical clicks (Tactile feedback) |
| **Operating Voltage** | Typically 5V DC (Logic level) |
---
### 2. Key Electronic Components
The internal construction of the 48NAT-2BV3-R consists of several critical elements:
* **Contact Wipers:** Small metallic brushes that slide over a coded disc to complete a circuit, generating square wave signals (Phase A and Phase B).
* **Quadrature Output:** It uses two-phase output to allow the microcontroller to determine both the **speed** and the **direction** of the rotation.
* **Integrated Push Switch:** The "2BV" variant often indicates a built-in vertical push-button functionality, allowing the user to "select" an item after scrolling.
* **Debouncing Circuitry Requirement:** Like most mechanical encoders, it requires external resistors and capacitors (or software debouncing) to prevent signal noise during transitions.
---
### 3. Pin Configuration (Standard Layout)
Most parts in this series follow a 5-pin layout:
1. **Channel A:** Output signal 1.
2. **Channel B:** Output signal 2 (offset by 90 degrees).
3. **Common (GND):** The ground connection for the signals.
4. **Switch Terminal 1:** For the push-button functionality.
5. **Switch Terminal 2:** For the push-button functionality.
---
### 4. Applications
Due to its robust design and "R" (RoHS Compliant) rating, it is commonly used in:
* **Audio Equipment:** Digital volume knobs and menu navigation.
* **Household Appliances:** Temperature or timer settings on ovens/microwaves.
* **Industrial Panels:** Navigating PLC menus or setting machine parameters.
---
- ⤷
What is the exact Pulse Per Revolution (PPR) rating for this specific model?
- ⤷ How do I implement a hardware debounce circuit for this encoder?
- ⤷ What is the difference between the 2BV and 1BV variants in this series?