48NAT-2GH2-R
AI

The **48NAT-2GH2-R** is a specific part number typically associated with **AC/DC power supply modules** or specialized **rectifier systems** used in telecommunications and industrial networking.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Core Component Specifications
This device is generally categorized as a high-efficiency power conversion module.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Device Type** | AC/DC Rectifier / Power Module |
| **Nominal Input Voltage** | 100V – 240V AC (Universal Input) |
| **Output Voltage** | -48V DC (Standard Telecom Logic) |
| **Form Factor** | Hot-swappable Plug-in Module |
| **Cooling** | Integrated Forced Air (Internal Fan) |
---
## 2. Electronic Part Breakdown
The internal circuitry consists of several critical stages designed for high reliability:
### A. Input Stage (EMI & Rectification)
* **EMI Filter:** Designed to suppress electromagnetic interference to meet industrial standards.
* **Bridge Rectifier:** Converts the AC input into a pulsating DC voltage.
* **Active PFC (Power Factor Correction):** Uses a boost converter to ensure the current waveform follows the voltage waveform, maximizing energy efficiency.
### B. Conversion Stage (DC-DC)
* **High-Frequency Transformer:** Provides galvanic isolation between the high-voltage AC input and the -48V DC output.
* **Switching MOSFETs:** Utilize Pulse Width Modulation (PWM) to regulate the output voltage with high precision.
### C. Output & Protection Stage
* **Filtering Capacitors:** High-grade electrolytic or polymer capacitors used to minimize output ripple and noise.
* **Protection Circuits:**
* **OVP:** Over-Voltage Protection.
* **OCP:** Over-Current Protection.
* **OTP:** Over-Temperature Protection (linked to internal sensors).
---
## 3. Connector Pinout & Interface
The module usually utilizes a gold-finger or blade-style connector at the rear to facilitate "hot-swapping" (replacing the unit while the system is powered).
* **Power Pins:** Heavy-duty pins for AC input and high-current DC output.
* **Signal Pins:** Used for I2C or CAN bus communication to report module status (Health, Load %, Temperature) to a central controller.
---
## 4. Key Application Use-Cases
* **Telecom Base Stations:** Providing stable -48V power to wireless transmission equipment.
* **Data Centers:** Distributed power architectures.
* **Network Switches:** Powering high-capacity enterprise routers.
---
- ⤷
What is the maximum wattage rating for the 48NAT-2GH2-R module?
- ⤷ How does the -48V polarity differ from standard +48V systems in electronics?
- ⤷ What are the compatible chassis models for this specific power module?