48NAT-2GV2-R
AI

The **48NAT-2GV2-R** is a specific networking component, typically identified as a high-density **SFP/SFP+ Network Module** or a line card used in enterprise-grade network switches (often associated with brands like Allied Telesis).
Below is a breakdown of its electronic specifications and technical architecture.
---
### 1. Technical Specifications
The 48NAT-2GV2-R is characterized by its high port density and uplink capabilities.
| Feature | Specification |
| :--- | :--- |
| **Port Count** | 48 Ports |
| **Primary Interface** | 10/100/1000BASE-T (RJ-45) |
| **Uplink Interfaces** | 2 x SFP+ (10 Gigabit) or SFP (1 Gigabit) |
| **Architecture** | Non-blocking wirespeed switching |
| **Form Factor** | Expansion Module / Fixed Configuration |
| **PoE Support** | Varies by sub-model (Check if "P" is present) |
---
### 2. Key Electronic Components
The internal circuitry of this module relies on several critical electronic sub-systems:
#### A. PHY (Physical Layer) Transceivers
The module contains multiple Ethernet PHY chips that convert the digital signals from the Switch Fabric into analog signals suitable for copper cabling (Cat5e/Cat6).
* **Magnetics:** Each RJ-45 port is coupled with an isolation transformer (magnetics) to protect the internal circuitry from electrostatic discharge (ESD) and voltage spikes.
#### B. ASIC / Switch Fabric Interface
The "brain" of the module is an **Application-Specific Integrated Circuit (ASIC)**.
* It handles packet forwarding, VLAN tagging, and Quality of Service (QoS) at hardware speeds.
* It utilizes a high-speed backplane connector to communicate with the main chassis CPU.
#### C. Power Management
* **DC-DC Converters:** Since the chassis usually provides a standard voltage (e.g., 12V), the module features local step-down regulators to provide 1.0V, 1.8V, and 3.3V to the ASICs and PHYs.
* **Thermal Management:** Includes onboard temperature sensors that report back to the system software to adjust fan speeds.
---
### 3. Interface Details
The **"2GV2"** designation in the part number specifically refers to the generation and uplink speed:
1. **48N:** 48 Network ports.
2. **2G:** Refers to the two high-speed SFP/SFP+ slots used for fiber optic or twin-ax copper connections.
3. **V2:** Version 2 (Hardware revision indicating updated internal components for better energy efficiency or cooling).
---
### 4. Code Example: Configuration Snippet
While this is hardware, it is managed via CLI. Here is a generic representation of how the electronic ports are addressed in software:
```bash
# Example: Viewing the status of the 48 ports on the module
switch# show interface port1.0.1-1.0.48 status
# Example: Enabling the 10G SFP+ Uplinks (2GV2 specific)
interface port1.0.49
description Uplink_to_Core
speed 10000
duplex full
```
---
- ⤷
What is the power consumption rating for the 48NAT-2GV2-R module?
- ⤷ Is this module hot-swappable in most chassis systems?
- ⤷ Does this specific revision (V2) support PoE+ standards?